Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5380 Datasheet(PDF) 32 Page - Analog Devices

Part # AD5380
Description  40-Channel, 3V/5V Single Supply, 14-Bit, Voltage-Output DAC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5380 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD5380 Datasheet HTML 26Page - Analog Devices AD5380 Datasheet HTML 27Page - Analog Devices AD5380 Datasheet HTML 28Page - Analog Devices AD5380 Datasheet HTML 29Page - Analog Devices AD5380 Datasheet HTML 30Page - Analog Devices AD5380 Datasheet HTML 31Page - Analog Devices AD5380 Datasheet HTML 32Page - Analog Devices AD5380 Datasheet HTML 33Page - Analog Devices AD5380 Datasheet HTML 34Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
PRELIMINARY TECHNICAL DATA
REV. PrF 09/2003
–32–
AD5380
Thermal Monitor Function
The AD5380 contains a temperature shutdown function to protect the chip in case multiple outputs are shorted. The
short circuit current of each output amplifier is typically 40mA. Operating the AD5380 at 5V leads to a power dissipa-
tion of 200mW / shorted amplifier. With 5 channels shorted this leads to an extra watt of power dissipation. For the
100-lead LQFP the Qja is typically 44°C/W.
The thermal monitor is enabled by the user via CR8 in the control register. The output amplifiers on the AD5380 are
automatically powered down if the die temperature exceeds 130°C approx. After a thermal shutdown has occured the user
can re-enable the part by executing a soft power up if the temperature has dropped below 130°C or by turning off the
thermal monitor function via the control register.
INPUT
REGISTER
DATA
REGISTER
A
DAC
REGISTER
14-BIT DAC
LDAC
CONTROL INPUT
DATA
REGISTER
B
VOUT
INPUT
DATA
A/B
Figure 20. Toggle Mode Function
AD5380 in a MEMS Based Optical Optical Switch
MEMS based optical switches have a requirement for high resolution DACs in their feedforward control path that offer
high channel density with 14-bit monotonic behaviour. The AD5380, 40-channel, 14-bit DAC in a 100lead LQFP pack-
age satisifies these requirements. In the circuit shown in Figure 19, the 0V–5V outputs of the AD5380 are amplified to
achieve an output range of 0V–200V used to control actuators that determine the position of MEMS mirrors in an optical
switch. The exact position of each mirror is measured using sensors. The sensor outputs are multiplexed into a high reso-
lution ADC in determining the mirror position. The control loop is closed and driven by an ADSP-21065L, a 32-bit
SHARC® DSP with an SPI-compatible SPORT interface. It writes data to the DAC, controls the multiplexer, and reads
data from the ADC via the serial interface.
14-BitDA C
VO 1
Actuators
For
MEMS
Mirror
A rray
Sensor
+
Multiplexer
8-C hannelAD C
(A D 7856)
A D 5380
14-BitDA C
VO 40
.
.
.
.
.
.
.
.
A D SP21065L
REFIN
OutputR ange
0-200V
OR
Single C hannel
AD C (A D 7671)
+5V
AVDD
REFO UT
.
.
.
.
G=50
G=50
0.01uF
Figure 19 . AD5380 in a MEMS based Optical Switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com