Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5380 Datasheet(PDF) 29 Page - Analog Devices

Part # AD5380
Description  40-Channel, 3V/5V Single Supply, 14-Bit, Voltage-Output DAC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5380 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD5380 Datasheet HTML 25Page - Analog Devices AD5380 Datasheet HTML 26Page - Analog Devices AD5380 Datasheet HTML 27Page - Analog Devices AD5380 Datasheet HTML 28Page - Analog Devices AD5380 Datasheet HTML 29Page - Analog Devices AD5380 Datasheet HTML 30Page - Analog Devices AD5380 Datasheet HTML 31Page - Analog Devices AD5380 Datasheet HTML 32Page - Analog Devices AD5380 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
PRELIMINARY TECHNICAL DATA
REV. PrF 09/2003
AD5380
–29–
The AD5380 can be interfaced to a variety of 16-bit
microcontrollersor DSP processors. Figure 14 shows the
AD5380 family interfaced to a generic 16-bit
microcontroller/DSP processor. The lower address lines
from the processor are connected to A0 to A5 on the
AD5380 as shown. The upper address lines are decoded to
provide a CS, LDAC signals for the AD5380. The fast
interface timing of the AD5380 allows direct interface to a
wide variety of microcontrollers and DSPs as shown in
Figure 14.
AD5380 to MC68HC11
The Serial Peripheral Interface (SPI) on the MC68HC11
is configured for Master Mode (MSTR = 1), Clock Po-
larity Bit (CPOL) = 0 and the Clock Phase Bit (CPHA)
= 1. The SPI is configured by writing to the SPI Control
Register (SPCR)—see 68HC11
User
Manual
. SCK of
the 68HC11 drives the SCLK of the AD5380, the MOSI
output drives the serial data line (DIN) of the AD5380 and
the MISO input is driven from DOUT. The SYNC signal is
derived from a port line (PC7). When data is being
transmitted to the AD5380, the SYNC line is taken low
(PC7). Data appearing on the MOSI output is valid on the
falling edge of SCK. Serial data from the 68HC11 is
transmitted in 8-bit bytes with only eight falling clock
edges occurring in the transmit cycle.
AD5380 to PIC16C6x/7x
The PIC16C6x/7x Synchronous Serial Port (SSP) is
configured as an SPI Master with the Clock Polarity bit =
0. This is done by writing to the Synchronous Serial Port
Control Register(SSPCON). See user PIC16/17
Mi-
crocontroller
User
Manual
. In this example I/O
port RA1 is being used to pulse SYNC and enable the
serial port of the AD5380. This microcontroller
transfers only eight bits of data during each serial transfer
operation; therefore, three consecutive read/write opera-
tions are needed depending on the mode. Figure 16 shows
the connection diagram.
MISO
SCK
MC68HC11
RESET
SCLK
SDO
DIN
SYNC
AD538X
DVDD
SPI/I2C
PC7
SER/PAR
MOSI
Figure 15 . AD5380 -MC68HC11 Interface
SCK/RC3
PIC16C6X/7X
RESET
SCLK
SDO
DIN
SYNC
AD538X
DVDD
SPI/I2C
RA1
SER/PAR
SDO/RC5
SDI/RC4
Figure 16 . AD5380 -PIC16C6X/7X Interface
RxD
TxD
8XC51
RESET
SCLK
SDO
DIN
SYNC
AD538X
DVDD
DVDD
SPI/I2C
P1.1
SER/PAR
Figure 17 . AD5380 - 8051 Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com