Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5380 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5380
Description  40-Channel, 3V/5V Single Supply, 14-Bit, Voltage-Output DAC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5380 Datasheet(HTML) 3 Page - Analog Devices

  AD5380 Datasheet HTML 1Page - Analog Devices AD5380 Datasheet HTML 2Page - Analog Devices AD5380 Datasheet HTML 3Page - Analog Devices AD5380 Datasheet HTML 4Page - Analog Devices AD5380 Datasheet HTML 5Page - Analog Devices AD5380 Datasheet HTML 6Page - Analog Devices AD5380 Datasheet HTML 7Page - Analog Devices AD5380 Datasheet HTML 8Page - Analog Devices AD5380 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
PRELIMINARY TECHNICAL DATA
REV. PrF 09/2003
–3–
AD5380
POWER
REQUIREMENTS
AVDD
4.5/5.5
V min/max
DVDD
2.7/5.5
V min/max
Power Supply Sensitivity
2
∆Mid Scale/∆ΑV
DD
- 8 5
dB typ
AIDD
0 . 5
mA/Channelmax
Outputs Unloaded. Boost Off.
XXmA typ
AIDD
0.57
mA/Channelmax
Outputs Unloaded. Boost On.
XXmA typ
DIDD
5
mA max
VIH = DVDD, VIL = DGND.
XXmA typ
AIDD (Power Down)
5
uA max
DIDD (Power Down)
5
uA max
Power Dissipation
1 2 5
mW max
Outputs Unloaded.
NOTES
1AD5380-5 is calibrated using an external 2.5V reference. Temperature range for All Versions: -40°C to +85°C
2Guaranteed by characterization. Not production tested.
3Accuracy guaranteed from Vout = 10mV to AV
DD-50mV
4Default on the AD5380-5 is 2.5V.Programmable to 1.25V via CR12 in the AD5380 control register but operating the AD5380-5 with
a 1.25V reference will lead to degraded accuracy specifications.
Specifications subject to change without notice.
AD5380-5–SPECIFICATIONS
(AVDD = 4.5V to 5.5V ; DVDD=2.7V to 5.5V, AGND=DGND = 0 V;
CL = 200 pF to AGND; RL = 5k
Ω
Ω
Ω
Ω
Ω ; External REFIN=2.5V;
All specifications TMIN to TMAX unless otherwise noted.)
Parameter
All
Units
Test Conditions/Comments
DYNAMIC
PERFORMANCE
Output Voltage Settling Time
2
Boost Mode Off, CR11=0
AD5380
8
µs typ
1/4 Scale to 3/4 Scale Change settling to ±1LSB.
1 0
µs max
Output Voltage Settling Time
2
Boost Mode On, CR11=1
AD5380
3
µs typ
1/4 Scale to 3/4 Scale Change settling to ±1LSB.
5
µs max
Slew Rate
2
0 . 7
V/µs typ
Boost Mode Off, CR11=0
1 . 5
V/µs typ
Boost Mode On, CR11=1
Digital-to-Analog Glitch Energy
1 2
nV-s typ
Glitch Impulse Peak Amplitude
5
mV max
Channel-to-Channel Isolation
1 0 0
dB typ
See Terminology
DAC-to-DAC Crosstalk
1 0
nV-s typ
See Terminology
Digital Crosstalk
1 0
nV-s typ
Digital Feedthrough
1
nV-s typ
Effect of Input Bus Activity on DAC Output Under Test
Output Noise 0.1 to 10Hz
8
uV p-p typ
Output Noise Spectral Density
@ 1 kHz
1 5 0
nV/(Hz)
1/2 typ
@ 10 kHz
100
nV/(Hz)
1/2 typ
1Guaranteed by design and characterization, not production tested.
2 The Settling Time and Slew Rate can be programmed via the Current Boost Control bit (CR11 ) in the AD5380 Control Register.
Specifications subject to change without notice.
AC CHARACTERISTICS
1 (AV
DD= 4.5V to 5.5V ; DVDD=2.7V to 5.5V; AGND = DGND= 0 V; CL = 5kΩ
Ω
Ω
Ω
Ω and 200 pF to AGND)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com