Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5380 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5380
Description  40-Channel, 3V/5V Single Supply, 14-Bit, Voltage-Output DAC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5380 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5380 Datasheet HTML 9Page - Analog Devices AD5380 Datasheet HTML 10Page - Analog Devices AD5380 Datasheet HTML 11Page - Analog Devices AD5380 Datasheet HTML 12Page - Analog Devices AD5380 Datasheet HTML 13Page - Analog Devices AD5380 Datasheet HTML 14Page - Analog Devices AD5380 Datasheet HTML 15Page - Analog Devices AD5380 Datasheet HTML 16Page - Analog Devices AD5380 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
PRELIMINARY TECHNICAL DATA
REV. PrF 09/2003
AD5380
–13–
power-on values. This sequence takes 300us (typ). The falling edge of
RESET initiates the
RESET process and
BUSY goes low for the duration returning high when RESET is
complete.
While BUSY is low all interfaces are disabled and all LDAC pulses are ignored.
When BUSY returns high the part resumes normal operation and the status of the RESET
pin is ignored till the next falling edge is detected.
P D
Power Down (level sensitive active high). Used to place the device in low power mode where
the device consumes less than 5uA. In power pown mode all internal analog circuitry is
placed in low power mode, the analog output will be configured as high impedance outputs
or will provide a 100k load to ground depending on how the power down mode is
configured. The serial interface remains active during power down.
FIFO_EN
FIFO Enable (level sensitive active high). When connected to DVCC the internal FIFO is
enabled allowing the user to write to the device at full speed. FIFO is only available in
parallel interface mode. The status of the FIFO_EN pin is sampled on power-up, and also
following a CLEAR or RESET to determine if the FIFO is enabled. In either serial or I2C
interface modes the FIFO_EN pin shpould be tied low.
DB11 (SPI/
I2C)
Multi-function input pin. In parallel interface mode this pin acts as DB11 of the parallel
input data word. In serial interface mode this pin acts as serial interface mode select.
When serial interface mode is selected (SER/
PAR =1) and this input is low I2C Mode is
selected. In this mode DB12 is the serial clock
(SCLK) input and DB13 is the serial data
(DIN) input.
When serial interface mode is selected (SER/
PAR =1) and this input is high SPI Mode is
selected. In this mode DB12 is the serial clock (SCL) input and DB13 is the serial data
(SDA) input.
DB12 (SCLK/SCL)
Multi-function input pin. In parallel interface mode this pin acts as DB12 of the parallel
input data word. In serial interface mode this pin acts as a serial clock input.
Serial Interface Mode: In serial interface mode data is clocked into the shift register on the
falling edge of SCLK. This operates at clock speeds up to 50 MHz.
I2C Mode: In I2C mode this pin performs the SCL function, clocking data into the device.
Data transfer rate in I2C mode is compatible with both 100kHz and 400kHz operating
modes.
DB13/(DIN/SDA)
Multi-function data input pin.
In parallel interface mode this pin acts as DB13 of the parallel input data word.
Serial Interface Mode: In serial interface mode this pin acts as the serial data input. Data
must be valid on the falling edge of SCLK.
I2C Mode: In I2C mode this pin is the serial Data pin (SDA) operating as an open drain
input/output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com