Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5380 Datasheet(PDF) 10 Page - Analog Devices

Part # AD5380
Description  40-Channel, 3V/5V Single Supply, 14-Bit, Voltage-Output DAC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5380 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5380 Datasheet HTML 6Page - Analog Devices AD5380 Datasheet HTML 7Page - Analog Devices AD5380 Datasheet HTML 8Page - Analog Devices AD5380 Datasheet HTML 9Page - Analog Devices AD5380 Datasheet HTML 10Page - Analog Devices AD5380 Datasheet HTML 11Page - Analog Devices AD5380 Datasheet HTML 12Page - Analog Devices AD5380 Datasheet HTML 13Page - Analog Devices AD5380 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
PRELIMINARY TECHNICAL DATA
REV. PrF 09/2003
–10–
AD5380
ABSOLUTE MAXIMUM RATINGS
1,2
(TA = +25°C unless otherwise noted)
AVDD to AGND...............................................-0.3 V to +7 V
DVDD to DGND..............................................-0.3 V to +7 V
Digital Inputs to DGND............-0.3 V to DVDD + 0.3 V
SDA/SCL to DGND..............................-0.3 V to + 7 V
Digital Outputs to DGND..........-0.3 V to DVDD + 0.3 V
REFIN/REFOUT to AGND......-0.3 V to
AVDD + 0.3 V
AGND to DGND................................-0.3 V to +0.3 V
VOUT0-39 to AGND............... - 0.3 V to AVDD + 0.3 V
Analog Inputs to AGND............ - 0.3 V to AVDD + 0.3 V
Operating Temperature Range
Commercial (B Version).......................-40°C to +85°C
Storage Temperature Range...................-65°C to +150°C
JunctionTemperature (TJmax).............................+150°C
100-lead LQFP Package,
θ
JAThermalImpedance.....................................44°C/W
Reflow Soldering
Peak Temperature......................................................230°C
NOTES:
1Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only, and functional
operation of the device at these or any other conditions above those listed in the
operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
2Transient currents of up to 100mA will not cause SCR latch-up
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD5380 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
ORDERING GUIDE
Linearity
Package
Package
Model
Resolution
AVDD
Output
Error (LSBs)
Description
Option
Range
Channels
AD5380BST-5 14-Bits
+4.5V to +5.5V
40
± 4
100-lead LQFP
ST-100
AD5380BST-3 14-Bits
+2.7V to +3.6V
40
± 4
100-lead LQFP
ST-100
Eval-AD5380EB
AD5380 Evaluation Kit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com