Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP209 Datasheet(PDF) 39 Page - Shenzhen X-Powers Technology Co ., Ltd

Part # AXP209
Description  Enhanced single Cell Li-Battery and Power System Management IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Direct Link  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP209 Datasheet(HTML) 39 Page - Shenzhen X-Powers Technology Co ., Ltd

Back Button AXP209 Datasheet HTML 35Page - Shenzhen X-Powers Technology Co ., Ltd AXP209 Datasheet HTML 36Page - Shenzhen X-Powers Technology Co ., Ltd AXP209 Datasheet HTML 37Page - Shenzhen X-Powers Technology Co ., Ltd AXP209 Datasheet HTML 38Page - Shenzhen X-Powers Technology Co ., Ltd AXP209 Datasheet HTML 39Page - Shenzhen X-Powers Technology Co ., Ltd AXP209 Datasheet HTML 40Page - Shenzhen X-Powers Technology Co ., Ltd AXP209 Datasheet HTML 41Page - Shenzhen X-Powers Technology Co ., Ltd AXP209 Datasheet HTML 42Page - Shenzhen X-Powers Technology Co ., Ltd AXP209 Datasheet HTML 43Page - Shenzhen X-Powers Technology Co ., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 39/45
Enhanced single Cell Li-Battery and Power System Management IC
AXP209
Bit
描述
R/W
默认值
7-2
保留,不可更改
1
GPIO1 ADC 输入范围
RW
0
0
GPIO0 ADC 输入范围
0:0-2.0475V
1:0.7-2.7475V
RW
0
10.30 REG 86H:GPIO1 ADC IRQ 上升沿门限设置
默认值
:FFH
Bit
描述
R/W
默认值
7-0
一个
LSB 为 8mV
RW
FF
10.31 REG 87H:GPIO1 ADC IRQ 下降沿门限设置
默认值
:00H
Bit
描述
R/W
默认值
7-0
一个
LSB 为 8mV
RW
00
10.32 REG 8AH:定时器控制
默认值
:00H
Bit
描述
R/W
默认值
7
定时器超时
写
1 清除此状态
RW
0
6-0
设置定时时间,单位为分
写全
0 则关闭此定时器
RW
0000000
10.33 REG 8BH:VBUS 管脚监测 SRP 功能控制
默认值
:00H
Bit
描述
R/W
默认值
7-6
保留,不可更改
5-4
VBUS 有效电压设置
00:4.0V; 01:4.15V; 10:4.45V; 11:4.55V
RW
00
3
VBUS Valid 检测功能设置:0:关闭,1:打开
RW
0
2
VBUS Session 检测功能设置:0:关闭,1:打开
RW
0
1
Discharge VBUS 放电功能设置
0:关闭 VBUS 的放电电阻;1:使用 VBUS 的放电电阻
RW
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com