Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP209 Datasheet(PDF) 8 Page - Shenzhen X-Powers Technology Co ., Ltd

Part # AXP209
Description  Enhanced single Cell Li-Battery and Power System Management IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Direct Link  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP209 Datasheet(HTML) 8 Page - Shenzhen X-Powers Technology Co ., Ltd

Back Button AXP209 Datasheet HTML 4Page - Shenzhen X-Powers Technology Co ., Ltd AXP209 Datasheet HTML 5Page - Shenzhen X-Powers Technology Co ., Ltd AXP209 Datasheet HTML 6Page - Shenzhen X-Powers Technology Co ., Ltd AXP209 Datasheet HTML 7Page - Shenzhen X-Powers Technology Co ., Ltd AXP209 Datasheet HTML 8Page - Shenzhen X-Powers Technology Co ., Ltd AXP209 Datasheet HTML 9Page - Shenzhen X-Powers Technology Co ., Ltd AXP209 Datasheet HTML 10Page - Shenzhen X-Powers Technology Co ., Ltd AXP209 Datasheet HTML 11Page - Shenzhen X-Powers Technology Co ., Ltd AXP209 Datasheet HTML 12Page - Shenzhen X-Powers Technology Co ., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 8/45
Enhanced single Cell Li-Battery and Power System Management IC
AXP209
tr
Clock Data Rise Time
2.2Kohm Pull High
100
ns
DCDC
fOSC
Oscillator Frequency
Default
1.5
MHz
DCDC2
ILIM2
PMOS Switch Current Limit
PWM Mode
2300
mA
IDC2OUT
Available Output Current
PWM Mode
1800
mA
VDC2OUT
Output Voltage Range
0.7
2.275
V
DCDC3
ILIM3
PMOS Switch Current Limit
PWM Mode
1400
mA
IDC3OUT
Available Output Current
PWM Mode
1000
mA
VDC3OUT
Output Voltage Range
0.7
3.5
V
SYMBOL
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNITS
LDO1
VLDO1
Output Voltage
ILDO1=1mA
-1%
1.3
3.3
1%
V
ILDO1
Output Current
30
mA
LDO2
VLDO2
Output Voltage
ILDO2=1mA
1.8
3.3
V
ILDO2
Output Current
200
mA
PSRR
Power Supply Rejection Ratio
ILDO2=60mA,1KHz
TBD
dB
eN
Output Noise,20-80KHz
Vo=3V , Io=150mA
28
μVRMS
LDO3
VLDO3
Output Voltage
ILDO3=1mA
0.7
3.5
V
ILDO3
Output Current
200
mA
PSRR
Power Supply Rejection Ratio
ILDO3=10mA, 1KHz
TBD
dB
eN
Output Noise,20-80KHz
Vo=1.8V , Io=150mA
TBD
μVRMS
LDO4
VLDO3
Output Voltage
ILDO3=1mA
1.8
3.3
V
ILDO3
Output Current
200
mA
PSRR
Power Supply Rejection Ratio
ILDO3=10mA, 1KHz
TBD
dB
eN
Output Noise,20-80KHz
Vo=1.8V , Io=150mA
18
μVRMS
LDO5
VLDO5
Output Voltage
I LDO5=1mA
1.5
3.3
V
ILDO5
Output Current
50
mA
PSRR
Power Supply Rejection Ratio
I LDO5=10mA,1KHz
TBD
dB
eN
Output Noise,20-80KHz
Vo=1.8V, Io=30mA
18
μVRMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com