Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP209 Datasheet(PDF) 13 Page - Shenzhen X-Powers Technology Co ., Ltd

Part # AXP209
Description  Enhanced single Cell Li-Battery and Power System Management IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Direct Link  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP209 Datasheet(HTML) 13 Page - Shenzhen X-Powers Technology Co ., Ltd

Back Button AXP209 Datasheet HTML 9Page - Shenzhen X-Powers Technology Co ., Ltd AXP209 Datasheet HTML 10Page - Shenzhen X-Powers Technology Co ., Ltd AXP209 Datasheet HTML 11Page - Shenzhen X-Powers Technology Co ., Ltd AXP209 Datasheet HTML 12Page - Shenzhen X-Powers Technology Co ., Ltd AXP209 Datasheet HTML 13Page - Shenzhen X-Powers Technology Co ., Ltd AXP209 Datasheet HTML 14Page - Shenzhen X-Powers Technology Co ., Ltd AXP209 Datasheet HTML 15Page - Shenzhen X-Powers Technology Co ., Ltd AXP209 Datasheet HTML 16Page - Shenzhen X-Powers Technology Co ., Ltd AXP209 Datasheet HTML 17Page - Shenzhen X-Powers Technology Co ., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 13/45
Enhanced single Cell Li-Battery and Power System Management IC
AXP209
13
LDO24IN
PI
Input to LDO2 and LDO4
14
VIN3
PI
DCDC3 input source
15
LX3
IO
Inductor Pin for DCDC3
16
PGND3
G
NMOS GND for DCDC3
17
DCDC3
I
Feed back to DCDC3
GPIO 1
18
GPIO1
IO
REG93H[2:0]
ADC Input
GPIO 0
Low noise LDO/Switch
19
GPIO0
IO
REG90H[2:0]
ADC Input
20
EXTEN
O
External Power Enable
21
APS
PI
Internal Power Input
22
AGND
G
Analog Ground
23
BIAS
IO
External 200Kohm 1% resistor
24
VREF
O
Internal reference voltage
25
PWROK
O
Power Good Indication OutPut
26
VINT
PO
Internal logic power, 2.5V
27
LDO1SET
I
It set the LDO1 default voltage.
28
LDO1
O
LDO1 output,for Host RTC block
29
DC3SET
I
It set the DCDC3 default voltage
30
BACKUP
IO
Backup battery pin
31
VBUS
PI
USB VBUS input
32,33 ACIN
PI
Adapter input
34,35 IPSOUT
IO
Main Battery
36
CHGLED
O
charger status indication
37
TS
I
Battery Temperature sensor input or an external ADC
input
38,39 BAT
PO
System power source
40
LDO3IN
O
LDO3 input source
41
LDO3
I
Output Pin of LDO3
42
BATSENSE
I
Current sense port1
43
CHSENSE
O
Current sense port2
44
VIN1
PI
DCDC1 input source
45
LX1
IO
Inductor Pin for DCDC1
46
PGND1
G
NMOS Ground for DCDC1
47
PWRON
I
Power On-Off key input,Internal 100k pull high to APS
48
IRQ/
WAKEUP
IO
IRQ output or wakeup
49
EP
G
Exposed Pad, need to connect to system ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com