Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP209 Datasheet(PDF) 33 Page - Shenzhen X-Powers Technology Co ., Ltd

Part # AXP209
Description  Enhanced single Cell Li-Battery and Power System Management IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Direct Link  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP209 Datasheet(HTML) 33 Page - Shenzhen X-Powers Technology Co ., Ltd

Back Button AXP209 Datasheet HTML 29Page - Shenzhen X-Powers Technology Co ., Ltd AXP209 Datasheet HTML 30Page - Shenzhen X-Powers Technology Co ., Ltd AXP209 Datasheet HTML 31Page - Shenzhen X-Powers Technology Co ., Ltd AXP209 Datasheet HTML 32Page - Shenzhen X-Powers Technology Co ., Ltd AXP209 Datasheet HTML 33Page - Shenzhen X-Powers Technology Co ., Ltd AXP209 Datasheet HTML 34Page - Shenzhen X-Powers Technology Co ., Ltd AXP209 Datasheet HTML 35Page - Shenzhen X-Powers Technology Co ., Ltd AXP209 Datasheet HTML 36Page - Shenzhen X-Powers Technology Co ., Ltd AXP209 Datasheet HTML 37Page - Shenzhen X-Powers Technology Co ., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 45 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 33/45
Enhanced single Cell Li-Battery and Power System Management IC
AXP209
10.8 REG 27H:DC-DC3 输出电压设置
默认值
:XXH
Bit
描述
R/W
默认值
7
保留,不可更改
6-0
DC-DC3 输出电压设置
0.7-3.5V, 25mV/step
Vout=[0.7+(Bit6-0)*0.025]V
RW
X
10.9 REG 28H:LDO2/4 输出电压设置
默认值
:XXH
Bit
描述
R/W
默认值
7-4
LDO2 输出电压设置
1.8-3.3V, 100mV/step
Vout=[1.8+(Bit7-4)*0.1]V
RW
X
3-0
LDO4 输出电压设置
1.25 1.3 1.4 1.5 1.6 1.7 1.8 1.9 2.0 2.5 2.7
2.8 3.0 3.1 3.2 3.3
RW
X
10.10 REG 29H:LDO3 输出电压设置
默认值
:XXH
Bit
描述
R/W
默认值
7
LDO3 模式选择:
0:LDO 模式,电压由[6:0]设置
1:开关模式,电压由 LDO3IN 决定
RW
0
6-0
LDO3 输出电压设置 Bit6-Bit0
0.7-2.275V,25mV/step
Vout=[0.7+(Bit6-0)*0.025]V
RW
X
10.11 REG 30H:VBUS-IPSOUT 通路管理
默认值
:6XH
Bit
描述
R/W
默认值
7
VBUS 可用时 VBUS-IPSOUT 通路选择控制信号
0:由 N_VBUSEN pin 决定是否打开此通路
1:VBUS-IPSOUT 通路可以被选择打开,不管 N_VBUSEN 的状态
RW
0
6
VBUS VHOLD 限压控制
0:不限压; 1:限压
RW
1
5-3
VHOLD 设置
VHOLD= [4.0+(Bit5-3)*0.1]V
RW
100
2
保留,不可更改
1-0
VBUS 限流控制打开时限流选择
RW
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com