Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DHT11 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DHT11
Description  Temperature humidity module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DHT11 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DHT11 Datasheet HTML 1Page - List of Unclassifed Manufacturers DHT11 Datasheet HTML 2Page - List of Unclassifed Manufacturers DHT11 Datasheet HTML 3Page - List of Unclassifed Manufacturers DHT11 Datasheet HTML 4Page - List of Unclassifed Manufacturers DHT11 Datasheet HTML 5Page - List of Unclassifed Manufacturers DHT11 Datasheet HTML 6Page - List of Unclassifed Manufacturers DHT11 Datasheet HTML 7Page - List of Unclassifed Manufacturers DHT11 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
产品手册 DHT11
www.aosong.com
广州奥松电子有限公司
电话:400-630-5378
版本号:V1.3_20170331
湿元件和一个NTC测温元件,并与一个高性能8位单片机相连接。
他相关湿度检测控制。
引脚说明
1、VDD 供电3.3~5.5V DC
2、DATA 串行数据,单总线
3、NC 空脚
4、GND 接地,电源负极
-1 -
一、产品概述
DHT11数字温湿度传感器是一款含有已校准数字信号输出的温湿度
复合传感器。它应用专用的数字模块采集技术和温湿度传感技术,确保
产品具有极高的可靠性与卓越的长期稳定性。传感器包括一个电容式感
二、应用范围
暖通空调、除湿器、农业、冷链仓储、测试及检测设备、消费品、
汽车、自动控制、数据记录器、气象站、家电、湿度调节器、医疗、其
三、产品亮点
成本低、长期稳定、相对湿度和温度测量、品质卓越、超快响应、抗干扰能力强、超长的
信号传输距离、数字信号输出、精确校准。
四、外形尺寸(单位:
mm)
图1
产品尺寸图



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com