Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DHT11 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # DHT11
Description  Temperature humidity module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DHT11 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  DHT11 Datasheet HTML 1Page - List of Unclassifed Manufacturers DHT11 Datasheet HTML 2Page - List of Unclassifed Manufacturers DHT11 Datasheet HTML 3Page - List of Unclassifed Manufacturers DHT11 Datasheet HTML 4Page - List of Unclassifed Manufacturers DHT11 Datasheet HTML 5Page - List of Unclassifed Manufacturers DHT11 Datasheet HTML 6Page - List of Unclassifed Manufacturers DHT11 Datasheet HTML 7Page - List of Unclassifed Manufacturers DHT11 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
产品手册 DHT11
www.aosong.com
广州奥松电子有限公司
电话:400-630-5378
版本号:V1.3_20170331
端口相连。
列混乱,器件将不响应主机。
-3 -
六、典型电路
图2 DHT11 典型电路图
微处理器与DHT11的连接典型应用电路如上图(图2)所示,DATA上拉后与微处理器的I/O
1、典型应用电路中建议连接线长度短于5m时用4.7K上拉电阻,大于5m时根据实际情况降
低上拉电阻的阻值。
2、使用3.3V电压供电时连接线尽量短,接线过长会导致传感器供电不足,造成测量偏差。
3、每次读出的温湿度数值是上一次测量的结果,欲获取实时数据,需连续读取2次,但不
建议连续多次读取传感器,每次读取传感器间隔大于2秒即可获得准确的数据。
4、电源部分如有波动,会影响到温度。如使用开关电源,温度就会跳动。
七、串行通信说明(单线双向)
◎单总线说明
DHT11器件采用简化的单总线通信。单总线即只有一根数据线,系统中的数据交换、控制
均由单总线完成。设备(主机或从机)通过一个漏极开路或三态端口连至该数据线,以允许
设备在不发送数据时能够释放总线,而让其它设备使用总线;单总线通常要求外接一个约
4.7kΩ的上拉电阻,这样,当总线闲置时,其状态为高电平。由于它们是主从结构,只有主
机呼叫从机时,从机才能应答,因此主机访问器件都必须严格遵循单总线序列,如果出现序
◎单总线传送数据位定义
DATA用于微处理器与DHT11之间的通讯和同步,采用单总线数据格式,一次传送40位数据,
高位先出。
数据格式:
8bit湿度整数数据+8bit湿度小数数据+8bit温度整数数据+8bit温度小数数据+8bit校验位。
注:其中湿度小数部分为0。
◎校验位数据定义
“8bit湿度整数数据+8bit湿度小数数据+8bit温度整数数据+8bit温度小数数据”8bit校验
位等于所得结果的末8位。



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com