Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DHT11 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # DHT11
Description  Temperature humidity module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DHT11 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  DHT11 Datasheet HTML 1Page - List of Unclassifed Manufacturers DHT11 Datasheet HTML 2Page - List of Unclassifed Manufacturers DHT11 Datasheet HTML 3Page - List of Unclassifed Manufacturers DHT11 Datasheet HTML 4Page - List of Unclassifed Manufacturers DHT11 Datasheet HTML 5Page - List of Unclassifed Manufacturers DHT11 Datasheet HTML 6Page - List of Unclassifed Manufacturers DHT11 Datasheet HTML 7Page - List of Unclassifed Manufacturers DHT11 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
产品手册 DHT11
www.aosong.com
广州奥松电子有限公司
电话:400-630-5378
版本号:V1.3_20170331
=>-(10℃+0.1℃)=-10.1℃
信号发送如图3所示。
-4 -
示例一:接收到的40位数据为:
0011 0101
0000 0000
0001 1000
0000 0100
0101 0001
湿度高8位
湿度低8位
温度高8位
温度低8位
校验位
计算:
00110101+00000000+00011000+00000100=01010001
接收数据正确:
湿度:00110101(整数)=35H=53%RH00000000(小数)=00H=0.0%RH=>53%RH+0.0%RH=53.0%RH
温度:00011000(整数)=18H=24℃00000100(小数)=04H=0.4℃=>24℃+0.4℃=24.4℃
◎特殊说明:
当温度低于0℃时温度数据的低8位的最高位置为1。
示例:-10.1℃表示为0000101010000001
温度:00001010(整数)=0AH=10℃,00000001(小数)=01H=0.1℃
示例二:接收到的40位数据为:
0011 0101
0000 0000
0001 1000
0000 0100
0100 1001
湿度高8位
湿度低8位
温度高8位
温度低8位
校验位
计算:
0011 0101+00000000+00011000+00000100= 0101 0001
0101 0001不等于0100 1001
本次接收的数据不正确,放弃,重新接收数据。
◎数据时序图
用户主机(MCU)发送一次开始信号后,DHT11从低功耗模式转换到高速模式,待主机开始
信号结束后,DHT11发送响应信号,送出40bit的数据,并触发一次信采集。
图 3 数据时序图
名 称
单总线格式定义
起始信号
微处理器把数据总线(SDA)拉低一段时间至少 18ms(最大不得超过 30ms),通知传感器准备数据。
响应信号
传感器把数据总线(SDA)拉低 83µs,再接高 87µs 以响应主机的起始信号。
数据格式
收到主机起始信号后,传感器一次性从数据总线(SDA)串出 40 位数据,高位先出
湿度
湿度高位为湿度整数部分数据,湿度低位为湿度小数部分数据
温度
温度高位为温度整数部分数据,温度低位为温度小数部分数据,且温度低位 Bit8 为 1 则表示负温度,否则
为正温度
校验位
校验位=湿度高位+湿度低位+温度高位+温度低位



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com