Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DHT11 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # DHT11
Description  Temperature humidity module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DHT11 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  DHT11 Datasheet HTML 1Page - List of Unclassifed Manufacturers DHT11 Datasheet HTML 2Page - List of Unclassifed Manufacturers DHT11 Datasheet HTML 3Page - List of Unclassifed Manufacturers DHT11 Datasheet HTML 4Page - List of Unclassifed Manufacturers DHT11 Datasheet HTML 5Page - List of Unclassifed Manufacturers DHT11 Datasheet HTML 6Page - List of Unclassifed Manufacturers DHT11 Datasheet HTML 7Page - List of Unclassifed Manufacturers DHT11 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
产品手册 DHT11
www.aosong.com
广州奥松电子有限公司
电话:400-630-5378
版本号:V1.3_20170331
的步骤)。
-5 -
注:主机从DHT11读取的温湿度数据总是前一次的测量值,如两次测间隔时间很长,请连
续读两次以第二次获得的值为实时温湿度值。
◎外设读取步骤
主机和从机之间的通信可通过如下几个步骤完成(外设(如微处理器)读取DHT11的数据
步骤一:
DHT11上电后(DHT11上电后要等待1S以越过不稳定状态在此期间不能发送任何指令),测
试环境温湿度数据,并记录数据,同时DHT11的DATA数据线由上拉电阻拉高一直保持高电平;
此时DHT11的DATA引脚处于输入状态,时刻检测外部信号。
步骤二:
微处理器的I/O设置为输出同时输出低电平,且低电平保持时间不能小于18ms(最大不得
超过30ms),然后微处理器的I/O设置为输入状态,由于上拉电阻,微处理器的I/O即DHT11的
DATA数据线也随之变高,等待DHT11作出回答信号。发送信号如图4所示:
图4 主机发送起始信号
步骤三:
DHT11的DATA引脚检测到外部信号有低电平时,等待外部信号低电平结束,延迟后DHT11的
DATA引脚处于输出状态,输出83微秒的低电平作为应答信号,紧接着输出87微秒的高电平通知
外设准备接收数据,微处理器的I/O此时处于输入状态,检测到I/O有低电平(DHT11回应信号)
后,等待87微秒的高电平后的数据接收,发送信号如图5所示:
图5 从机响应信号
步骤四:
由DHT11的DATA引脚输出40位数据,微处理器根据I/O电平的变化接收40位数据,位数据
“0”的格式为:54微秒的低电平和23-27微秒的高电平,位数据“1”的格式为:54微秒的低
电平加68-74微秒的高电平。位数据“0”、“1”格式信号如图6所示:



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com