Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F030X4 Datasheet(PDF) 47 Page - STMicroelectronics

Part # STM32F030X4
Description  Value-line Arm®-based 32-bit MCU with up to 256 KB Flash, timers, ADC, communication interfaces, 2.4-3.6 V operation
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F030X4 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STM32F030X4 Datasheet HTML 43Page - STMicroelectronics STM32F030X4 Datasheet HTML 44Page - STMicroelectronics STM32F030X4 Datasheet HTML 45Page - STMicroelectronics STM32F030X4 Datasheet HTML 46Page - STMicroelectronics STM32F030X4 Datasheet HTML 47Page - STMicroelectronics STM32F030X4 Datasheet HTML 48Page - STMicroelectronics STM32F030X4 Datasheet HTML 49Page - STMicroelectronics STM32F030X4 Datasheet HTML 50Page - STMicroelectronics STM32F030X4 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 93 page
background image
DS9773 Rev 4
47/93
STM32F030x4/x6/x8/xC
Electrical characteristics
75
Typical and maximum current consumption
The MCU is placed under the following conditions:
•
All I/O pins are in analog input mode
•
All peripherals are disabled except when explicitly mentioned
•
The Flash memory access time is adjusted to the fHCLK frequency:
–
0 wait state and Prefetch OFF from 0 to 24 MHz
–
1 wait state and Prefetch ON above 24 MHz
•
When the peripherals are enabled fPCLK = fHCLK
The parameters given in Table 25 to Table 27 are derived from tests performed under
ambient temperature and supply voltage conditions summarized in Table 21: General
operating conditions.
Table 25. Typical and maximum current consumption from VDD supply at VDD = 3.6 V(1)
Parameter
Conditions
fHCLK
All peripherals enabled
Unit
Typ
Max @ TA(2)
85 °C
IDD
Supply current in
Run mode, code
executing from Flash
HSI or HSE clock, PLL on
48 MHz
22.0
22.8
mA
48 MHz
26.8
30.2
24 MHz
12.2
13.2
24 MHz
14.1
16.2
HSI or HSE clock, PLL off
8 MHz
4.4
5.2
8 MHz
4.9
5.6
IDD
Supply current in
Run mode, code
executing from RAM
HSI or HSE clock, PLL on
48 MHz
22.2
23.2
mA
48 MHz
26.1
29.3
24 MHz
11.2
12.2
24 MHz
13.3
15.7
HSI or HSE clock, PLL off
8 MHz
4.0
4.5
8 MHz
4.6
5.2
IDD
Supply current in
Sleep mode, code
executing from Flash
or RAM
HSI or HSE clock, PLL on
48 MHz
14
15.3
mA
48 MHz
17.0
19.0
24 MHz
7.3
7.8
24 MHz
8.7
10.1
HSI or HSE clock, PLL off
8 MHz
2.6
2.9
8 MHz
3.0
3.5
1. The gray shading is used to distinguish the values for STM32F030xC devices.
2. Data based on characterization results, not tested in production unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com