Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F030X4 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STM32F030X4
Description  Value-line Arm®-based 32-bit MCU with up to 256 KB Flash, timers, ADC, communication interfaces, 2.4-3.6 V operation
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F030X4 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STM32F030X4 Datasheet HTML 19Page - STMicroelectronics STM32F030X4 Datasheet HTML 20Page - STMicroelectronics STM32F030X4 Datasheet HTML 21Page - STMicroelectronics STM32F030X4 Datasheet HTML 22Page - STMicroelectronics STM32F030X4 Datasheet HTML 23Page - STMicroelectronics STM32F030X4 Datasheet HTML 24Page - STMicroelectronics STM32F030X4 Datasheet HTML 25Page - STMicroelectronics STM32F030X4 Datasheet HTML 26Page - STMicroelectronics STM32F030X4 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 93 page
background image
DS9773 Rev 4
23/93
STM32F030x4/x6/x8/xC
Functional overview
24
Table 8 gives an overview of features as implemented on the available USART interfaces.
All USART interfaces can be served by the DMA controller.
3.15
Serial peripheral interface (SPI)
Up to two SPIs are able to communicate up to 18 Mbit/s in slave and master modes in full-
duplex and half-duplex communication modes. The 3-bit prescaler gives 8 master mode
frequencies and the frame size is configurable from 4 bits to 16 bits.
SPI1 and SPI2 are identical and implement the set of features shown in the following table.
Table 8. STM32F0x0 USART implementation(1)
USART modes/
features
STM32F030x4
STM32F030x6
STM32F030x8
STM32F030xC
USART1
USART1
USART2
USART1
USART2
USART3
USART4
USART5
USART6
Hardware flow control
for modem
X
XXXX
-
-
Continuous
communication using
DMA
X
XXXXXX
Multiprocessor
communication
X
XXXXXX
Synchronous mode
X
XXXXX
-
Smartcard mode
-
------
Single-wire Half-duplex
communication
X
XXXXXX
IrDA SIR ENDEC block
-
------
LIN mode
-
------
Dual clock domain and
wakeup from Stop mode
-
------
Receiver timeout
interrupt
X
X
-
X
---
Modbus communication
-
------
Auto baud rate detection
(supported modes)
2
2
-
2
---
Driver Enable
X
XXXXX
-
USART data length
8 and 9 bits
7, 8 and 9 bits
1. X = supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com