Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F030X4 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STM32F030X4
Description  Value-line Arm®-based 32-bit MCU with up to 256 KB Flash, timers, ADC, communication interfaces, 2.4-3.6 V operation
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F030X4 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STM32F030X4 Datasheet HTML 24Page - STMicroelectronics STM32F030X4 Datasheet HTML 25Page - STMicroelectronics STM32F030X4 Datasheet HTML 26Page - STMicroelectronics STM32F030X4 Datasheet HTML 27Page - STMicroelectronics STM32F030X4 Datasheet HTML 28Page - STMicroelectronics STM32F030X4 Datasheet HTML 29Page - STMicroelectronics STM32F030X4 Datasheet HTML 30Page - STMicroelectronics STM32F030X4 Datasheet HTML 31Page - STMicroelectronics STM32F030X4 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 93 page
background image
Pinouts and pin descriptions
STM32F030x4/x6/x8/xC
28/93
DS9773 Rev 4
Table 10. Legend/abbreviations used in the pinout table
Name
Abbreviation
Definition
Pin name
Unless otherwise specified in brackets below the pin name, the pin function during and
after reset is the same as the actual pin name
Pin type
S
Supply pin
I
Input only pin
I/O
Input / output pin
I/O structure
FT
5 V tolerant I/O
FTf
5 V tolerant I/O, FM+ capable
TTa
3.3 V tolerant I/O directly connected to ADC
TC
Standard 3.3 V I/O
B
Dedicated BOOT0 pin
RST
Bidirectional reset pin with embedded weak pull-up resistor
Notes
Unless otherwise specified by a note, all I/Os are set as floating inputs during and after
reset.
Pin
functions
Alternate
functions
Functions selected through GPIOx_AFR registers
Additional
functions
Functions directly selected/enabled through peripheral registers
Table 11. STM32F030x4/6/8/C pin definitions
Pin number
Pin name
(function after
reset)
Notes
Pin functions
Alternate functions
Additional functions
1
1
-
-
VDD
S
-
-
Complementary power supply
22
-
-
PC13
I/O
TC
(1)
-
RTC_TAMP1,
RTC_TS,
RTC_OUT,
WKUP2
33
-
-
PC14-OSC32_IN
(PC14)
I/O
TC
(1)
-
OSC32_IN
44
-
-
PC15-OSC32_OUT
(PC15)
I/O
TC
(1)
-
OSC32_OUT
55
2
2
PF0-OSC_IN
(PF0)
I/O
FT
-
I2C1_SDA(5)
OSC_IN
66
3
3
PF1-OSC_OUT
(PF1)
I/O
FT
-
I2C1_SCL(5)
OSC_OUT
7
7
4
4
NRST
I/O RST
-
Device reset input / internal reset output
(active low)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com