Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F030X4 Datasheet(PDF) 42 Page - STMicroelectronics

Part # STM32F030X4
Description  Value-line Arm®-based 32-bit MCU with up to 256 KB Flash, timers, ADC, communication interfaces, 2.4-3.6 V operation
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F030X4 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STM32F030X4 Datasheet HTML 38Page - STMicroelectronics STM32F030X4 Datasheet HTML 39Page - STMicroelectronics STM32F030X4 Datasheet HTML 40Page - STMicroelectronics STM32F030X4 Datasheet HTML 41Page - STMicroelectronics STM32F030X4 Datasheet HTML 42Page - STMicroelectronics STM32F030X4 Datasheet HTML 43Page - STMicroelectronics STM32F030X4 Datasheet HTML 44Page - STMicroelectronics STM32F030X4 Datasheet HTML 45Page - STMicroelectronics STM32F030X4 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 93 page
background image
Electrical characteristics
STM32F030x4/x6/x8/xC
42/93
DS9773 Rev 4
6.1.6
Power supply scheme
Figure 13. Power supply scheme
Caution:
Each power supply pair (VDD/VSS, VDDA/VSSA etc.) must be decoupled with filtering ceramic
capacitors as shown above. These capacitors must be placed as close as possible to, or
below, the appropriate pins on the underside of the PCB to ensure the good functionality of
the device.
6.1.7
Current consumption measurement
Figure 14. Current consumption measurement scheme
MSv39025V1
VDD
IO
logic
Kernel logic
(CPU, Digital
& Memories)
LSE, RTC,
Wake-up logic
IN
OUT
Regulator
GPIOs
2 x 100 nF
+1 x 4.7 μF
2 x VSS
2 x VDD
VCORE
Power switch
VDDIO1
ADC
Analog:
(RCs, PLL, …)
VREF+
VREF-
VDDA
10 nF
+1 μF
VDDA
VSSA
MS32142V2
VDD
VDDA
IDD
IDDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com