Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F030X4 Datasheet(PDF) 33 Page - STMicroelectronics

Part # STM32F030X4
Description  Value-line Arm®-based 32-bit MCU with up to 256 KB Flash, timers, ADC, communication interfaces, 2.4-3.6 V operation
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F030X4 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STM32F030X4 Datasheet HTML 29Page - STMicroelectronics STM32F030X4 Datasheet HTML 30Page - STMicroelectronics STM32F030X4 Datasheet HTML 31Page - STMicroelectronics STM32F030X4 Datasheet HTML 32Page - STMicroelectronics STM32F030X4 Datasheet HTML 33Page - STMicroelectronics STM32F030X4 Datasheet HTML 34Page - STMicroelectronics STM32F030X4 Datasheet HTML 35Page - STMicroelectronics STM32F030X4 Datasheet HTML 36Page - STMicroelectronics STM32F030X4 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 93 page
background image
DS9773 Rev 4
33/93
STM32F030x4/x6/x8/xC
Pinouts and pin descriptions
33
58
42
29
-
PB6
I/O FTf
-
I2C1_SCL,
USART1_TX,
TIM16_CH1N
-
59
43
30
-
PB7
I/O FTf
-
I2C1_SDA,
USART1_RX,
TIM17_CH1N,
USART4_CTS(5)
-
60
44
31
1
BOOT0
I
B
-
Boot memory selection
61
45
-
-
PB8
I/O FTf
(6)
I2C1_SCL,
TIM16_CH1
-
62
46
-
-
PB9
I/O FTf
-
I2C1_SDA,
IR_OUT,
SPI2_NSS(5),
TIM17_CH1,
EVENTOUT
-
63
47
32
15
VSS
S
-
-
Ground
64
48
1
16
VDD
S
-
-
Digital power supply
1. PC13, PC14 and PC15 are supplied through the power switch. Since the switch only sinks a limited amount of current
(3 mA), the use of GPIOs PC13 to PC15 in output mode is limited:
- The speed should not exceed 2 MHz with a maximum load of 30 pF.
- These GPIOs must not be used as current sources (e.g. to drive an LED).
2. This feature is available on STM32F030x6 and STM32F030x4 devices only.
3. This feature is available on STM32F030x8 devices only.
4. For STM32F030x4/6/8 devices only.
5. For STM32F030xC devices only.
6. On LQFP32 package, PB2 and PB8 should be treated as unconnected pins (even when they are not available on the
package, they are not forced to a defined level by hardware).
7. After reset, these pins are configured as SWDIO and SWCLK alternate functions, and the internal pull-up on SWDIO pin
and internal pull-down on SWCLK pin are activated.
Table 11. STM32F030x4/6/8/C pin definitions (continued)
Pin number
Pin name
(function after
reset)
Notes
Pin functions
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com