Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F030X4 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STM32F030X4
Description  Value-line Arm®-based 32-bit MCU with up to 256 KB Flash, timers, ADC, communication interfaces, 2.4-3.6 V operation
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F030X4 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STM32F030X4 Datasheet HTML 11Page - STMicroelectronics STM32F030X4 Datasheet HTML 12Page - STMicroelectronics STM32F030X4 Datasheet HTML 13Page - STMicroelectronics STM32F030X4 Datasheet HTML 14Page - STMicroelectronics STM32F030X4 Datasheet HTML 15Page - STMicroelectronics STM32F030X4 Datasheet HTML 16Page - STMicroelectronics STM32F030X4 Datasheet HTML 17Page - STMicroelectronics STM32F030X4 Datasheet HTML 18Page - STMicroelectronics STM32F030X4 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 93 page
background image
DS9773 Rev 4
15/93
STM32F030x4/x6/x8/xC
Functional overview
24
Figure 2. Clock tree of STM32F030x4/x6/x8
1. Applies to STM32F030x4/x6 devices.
2. Applies to STM32F030x8 devices.
MSv32138V3
OSC_IN
OSC_OUT
OSC32_IN
OSC32_OUT
IWDG
PLLMUL
MCO
Main clock
output
PLLCLK
HSI
HSE
HCLK
PLLCLK
AHB, core, memory, DMA,
Cortex FCLK free-run clock
LSE
LSI
HSI
HSE
RTC
PLLSRC
SW
MCO
RTCCLK
RTCSEL
SYSCLK
TIM1,3,6
(2)
14,15
(2),16,17
FLITFCLK
Flash memory
programming
interface
HSI14
I2C1
USART1
LSE
HSI
SYSCLK
PCLK
SYSCLK
HSI
PCLK
Cortex
system timer
APB
peripherals
LSI
(1)
LSE
(1)
PLLNODIV
MCOPRE
LSE
HSE
CSS
Legend
white
clock tree control element
clock line
control line
black
clock tree element
/32
4-32 MHz
HSE OSC
/1,/2,/4,
/8,/16
/1
(1),/2
14 MHz
HSI14 RC
/1,/2,…
…/512
32.768 kHz
LSE OSC
40 kHz
LSI RC
PLL
x2,x3,..
...x16
x1, x2
/8
/1,/2,/4,..
../128
USART1SW
PPRE
PPRE
HPRE
I2C1SW
SYSCLK
HSI
HSI
8 MHz
HSI RC
/2, /4
ADC
(14 MHz max)
PREDIV
/1,/2,..
../16
/2
CKMODE
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com