Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH08000WAS2 Datasheet(PDF) 4 Page - Texas Instruments

Part # PTH08000WAS2
Description  2.25-A, WIDE INPUT, ADJUSTABLE SWITCHING REGULATOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH08000WAS2 Datasheet(HTML) 4 Page - Texas Instruments

  PTH08000WAS2 Datasheet HTML 1Page - Texas Instruments PTH08000WAS2 Datasheet HTML 2Page - Texas Instruments PTH08000WAS2 Datasheet HTML 3Page - Texas Instruments PTH08000WAS2 Datasheet HTML 4Page - Texas Instruments PTH08000WAS2 Datasheet HTML 5Page - Texas Instruments PTH08000WAS2 Datasheet HTML 6Page - Texas Instruments PTH08000WAS2 Datasheet HTML 7Page - Texas Instruments PTH08000WAS2 Datasheet HTML 8Page - Texas Instruments PTH08000WAS2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
www.ti.com
PIN ASSIGNMENT
PTH08000W
(Top View)
1
5
2
3
4
6
PTH08000W
SLTS248 – JUNE 2005
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
This is the common ground connection for the VI and VO power connections. It is also the 0-VDC reference for
GND
1
the Inhibit , VO Adjust, and Track control inputs.
This is an analog control input that enables the output voltage to follow an external voltage. This pin becomes
active typically 20 ms after the input voltage has been applied, and allows direct control of the output voltage
from 0 V up to the nominal set-point voltage. Within this range, the output voltage follows the voltage at the
Track pin on a volt-for-volt basis. When the control voltage is raised above this range, the module regulates at
Track
2
I
its set-point voltage. The feature allows the output voltage to rise simultaneously with other modules powered
from the same input bus. If unused, this input should be connected to VI.
NOTE: Due to the undervoltage lockout feature, the output of the module cannot follow its own input voltage
during power up. For more information, consult the related application note literature number SLTA054.
VI
3
I
The positive input voltage power node to the module, which is referenced to common GND.
The Inhibit pin is an open-collector/drain-negative logic input that is referenced to GND. Applying a low-level
ground signal to this input disables the module's output. When the Inhibit control is active, the input current
Inhibit
4
I
drawn by the regulator is significantly reduced. If the Inhibit pin is left open-circuit, the module produces an
output voltage whenever a valid input source is applied.
A 1% resistor must be connected between this pin and GND (pin 1) to set the output voltage of the module
higher than 0.9 V. If left open-circuit, the output voltage defaults to this value. The temperature stability of the
VO Adjust
5
I
resistor should be 100 ppm/°C (or better). The set-point range is from 0.9 V to 5.5 V. The electrical
specification table gives the standard resistor value for a number of common output voltages. See the
application information for further guidance.
VO
6
O
The regulated positive power output with respect to the GND node.
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com