Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH08000WAS2 Datasheet(PDF) 1 Page - Texas Instruments

Part # PTH08000WAS2
Description  2.25-A, WIDE INPUT, ADJUSTABLE SWITCHING REGULATOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH08000WAS2 Datasheet(HTML) 1 Page - Texas Instruments

  PTH08000WAS2 Datasheet HTML 1Page - Texas Instruments PTH08000WAS2 Datasheet HTML 2Page - Texas Instruments PTH08000WAS2 Datasheet HTML 3Page - Texas Instruments PTH08000WAS2 Datasheet HTML 4Page - Texas Instruments PTH08000WAS2 Datasheet HTML 5Page - Texas Instruments PTH08000WAS2 Datasheet HTML 6Page - Texas Instruments PTH08000WAS2 Datasheet HTML 7Page - Texas Instruments PTH08000WAS2 Datasheet HTML 8Page - Texas Instruments PTH08000WAS2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
www.ti.com
2.25-A, WIDE INPUT, ADJUSTABLE SWITCHING REGULATOR
FEATURES
APPLICATIONS
DESCRIPTION
1
5
2
3
4
6
+
+
PTH08000W
(Top View)
Track
GND
R
#
1%, 0.05 W
(Required)
SET
Inhibit
C
100 F
(Required)
I*
µ
C
100 F
(Optional)
O*
µ
VI
VO
GND
STANDARD APPLICATION
* See the Application Information section for capacitor recommendations.
# See the Application Information section for R
values.
SET
PTH08000W
SLTS248 – JUNE 2005
WITH AUTO-TRACK™ SEQUENCING
•
Surface-Mount Package
•
Up to 2.25-A Output Current at 85°C
•
Safety Agency Approvals:
UL/CUL 60950, EN60950 VDE (Pending)
•
4.5-V to 14-V Input Voltage Range
•
Wide-Output Voltage Adjust
(0.9 V to 5.5 V)
•
Telecommunications, Instrumentation,
•
Efficiencies Up to 94%
and General-Purpose Circuits
•
On/Off Inhibit
•
Undervoltage Lockout (UVLO)
•
Output Overcurrent Protection
(Nonlatching, Auto-Reset)
•
Overtemperature Protection
•
Ambient Temperature Range: –40°C to 85°C
The PTH08000W is a highly integrated, low-cost switching regulator module that delivers up to 2.25 A of output
current. The PTH08000W sources output current at a much higher efficiency than a TO-220 linear regulator IC,
eliminating the need for a heatsink. The small size (0.75 inch × 0.5 inch) and flexible operation creates value for
a variety of applications.
The input voltage range of the PTH08000W is 4.5 V to 14 V, allowing operation from either a 5-V or 12-V input
bus. Using state-of-the-art switched-mode power-conversion technology, the PTH08000W can step down to
voltages as low as 0.9 V from a 5-V input bus, with less than 1 W of power dissipation. The output voltage can
be adjusted to any voltage over the range, 0.9 V to 5.5 V, using a single external resistor. This series includes
Auto-Track™ sequencing. This feature simplifies the task of supply voltage sequencing in a power system by
enabling modules to track each other, or any external voltage, during power up and power down. Operating
features include an undervoltage lockout (UVLO), on/off inhibit, overcurrent protection, and overtemperature
protection. Target applications include telecommunications, test and measurement applications, and high-end
consumer products. This product is available in both through-hole and surface-mount package options, including
tape and reel. The PTH08000W is compatible with TI's roadmap for RoHS and lead-free compliance.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Auto-Track, POLA, TMS320 are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PTH08000WAS2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH08000WAS TI-PTH08000WAS Datasheet
622Kb / 20P
2.25-A, WIDE INPUT, ADJUSTABLE SWITCHING REGULATOR WITH AUTO-TRACK SEQUENCING
PTH08000WAS TI2-PTH08000WAS Datasheet
731Kb / 20P
2.25-A, WIDE INPUT, ADJUSTABLE SWITCHING REGULATOR WITH AUTO-TRACK™ SEQUENCING
REVISED FEBRUARY 2008
PTH08000WAS.B TI2-PTH08000WAS.B Datasheet
731Kb / 20P
2.25-A, WIDE INPUT, ADJUSTABLE SWITCHING REGULATOR WITH AUTO-TRACK™ SEQUENCING
REVISED FEBRUARY 2008
PTH08000WAST TI-PTH08000WAST Datasheet
622Kb / 20P
2.25-A, WIDE INPUT, ADJUSTABLE SWITCHING REGULATOR WITH AUTO-TRACK SEQUENCING
PTH08000WAST TI2-PTH08000WAST Datasheet
731Kb / 20P
2.25-A, WIDE INPUT, ADJUSTABLE SWITCHING REGULATOR WITH AUTO-TRACK™ SEQUENCING
REVISED FEBRUARY 2008
More results

Similar Description - PTH08000WAS2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTN78000W TI-PTN78000W Datasheet
456Kb / 20P
1.5-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTH08080W TI-PTH08080W Datasheet
700Kb / 16P
2.25-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78020W TI-PTN78020W Datasheet
1Mb / 25P
6-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78060W TI-PTN78060W Datasheet
1Mb / 24P
3-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78020W TI-PTN78020W_08 Datasheet
711Kb / 26P
6-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78060W TI-PTN78060W_09 Datasheet
746Kb / 26P
3-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTH08000WAZT TI-PTH08000WAZT Datasheet
622Kb / 20P
2.25-A, WIDE INPUT, ADJUSTABLE SWITCHING REGULATOR WITH AUTO-TRACK SEQUENCING
PTH08080W TI1-PTH08080W_14 Datasheet
511Kb / 19P
2.25-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTH08080W TI-PTH08080W_15 Datasheet
475Kb / 18P
2.25-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78020W TI-PTN78020W_15 Datasheet
432Kb / 27P
6-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com