Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH08000WAS2 Datasheet(PDF) 7 Page - Texas Instruments

Part # PTH08000WAS2
Description  2.25-A, WIDE INPUT, ADJUSTABLE SWITCHING REGULATOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH08000WAS2 Datasheet(HTML) 7 Page - Texas Instruments

Back Button PTH08000WAS2 Datasheet HTML 3Page - Texas Instruments PTH08000WAS2 Datasheet HTML 4Page - Texas Instruments PTH08000WAS2 Datasheet HTML 5Page - Texas Instruments PTH08000WAS2 Datasheet HTML 6Page - Texas Instruments PTH08000WAS2 Datasheet HTML 7Page - Texas Instruments PTH08000WAS2 Datasheet HTML 8Page - Texas Instruments PTH08000WAS2 Datasheet HTML 9Page - Texas Instruments PTH08000WAS2 Datasheet HTML 10Page - Texas Instruments PTH08000WAS2 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
www.ti.com
APPLICATION INFORMATION
Adjusting the Output Voltage of the PTH08000W Wide-Output Adjust Power Modules
R
= 10 k
x
SET
W
0.891 V
V
- 0.9 V
O
- 1.82 kW
VI
GND
GND
VO
RSET
0.05 W
1%
PTH08000W
1
5
6
2
3
4
V Adj
O
GND
Inhibit
VI
VO
C
100 F
(Required)
I
m
C
100 F
(Optional)
O
m
Track
PTH08000W
SLTS248 – JUNE 2005
The VO Adjust control (pin 5) sets the output voltage of the PTH08000W product. The adjustment range is from
0.9 V to 5.5 V. The adjustment method requires the addition of a single external resistor, RSET, that must be
connected directly between the VO Adjust and GND (pin 1). Table 1 gives the standard external resistor for a
number of common bus voltages, along with the actual voltage the resistance produces.
For other output voltages, the value of the required resistor can either be calculated using the following formula,
or simply selected from the range of values given in Table 2. Figure 9 shows the placement of the required
resistor.
Table 1. Standard Values of RSET for Common Output
Voltages
VO
RSET
VO
(Required)
(Standard Value)
(Actual)
5 V (1)
348
Ω
5.010 V
3.3 V
1.87 k
Ω
3.315 V
2.5 V
3.74 k
Ω
2.503 V
2 V
6.19 k
Ω
2.012 V
1.8 V
8.06 k
Ω
1.802 V
1.5 V
13.0 k
Ω
1.501 V
1.2 V
27.4 k
Ω
1.205 V
1 V
86.6 k
Ω
1.001 V
0.9 V
Open
0.9 V
(1)
The minimum input voltage is 4.5 V or (VO + 1.1) V, whichever is
greater.
(1)
A 0.05-W rated resistor may be used. The tolerance should be 1%, with a temperature stability of 100 ppm/°C (or
better). Place the resistor as close to the regulator as possible. Connect the resistor directly between pins 5 and 1
using dedicated PCB traces.
(2)
Never connect capacitors from VO Adjust to either GND or VO. Any capacitance added to the VO Adjust pin affects the
stability of the regulator.
Figure 9. VO Adjust Resistor Placement
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com