Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH08000WAS2 Datasheet(PDF) 2 Page - Texas Instruments

Part # PTH08000WAS2
Description  2.25-A, WIDE INPUT, ADJUSTABLE SWITCHING REGULATOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH08000WAS2 Datasheet(HTML) 2 Page - Texas Instruments

  PTH08000WAS2 Datasheet HTML 1Page - Texas Instruments PTH08000WAS2 Datasheet HTML 2Page - Texas Instruments PTH08000WAS2 Datasheet HTML 3Page - Texas Instruments PTH08000WAS2 Datasheet HTML 4Page - Texas Instruments PTH08000WAS2 Datasheet HTML 5Page - Texas Instruments PTH08000WAS2 Datasheet HTML 6Page - Texas Instruments PTH08000WAS2 Datasheet HTML 7Page - Texas Instruments PTH08000WAS2 Datasheet HTML 8Page - Texas Instruments PTH08000WAS2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
PACKAGE SPECIFICATIONS
PTH08000W
SLTS248 – JUNE 2005
These devices have limited built-in ESD protection. The leads should be shorted together or the device
placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
PTH08000 (Basic Model)
Output Voltage
Part Number
Description
Package Designator
PTH08000WAH
Horizontal T/H - Pb-free
EUS
0.9 V - 5.5 V
PTH08000WAS(1)(2)
Horizontal SMD(2)
EUT
PTH08000WAZ(1)(3)
Horizontal SMD - Pb-free(3)
EUT
(1)
Add a T suffix for tape and reel option on SMD packages.
(2)
S suffix versions have SnPb solder ball material.
(3)
Z suffix versions have SnAgCu solder ball material.
over operating free-air temperature range unless otherwise noted(1)
PTH08000W
UNIT
TA
Operating free-air temperature
Over VI range
–40 to 85
°C
Lead temperature (H suffix)
5 seconds
260
Solder reflow temperature (S suffix)
Surface temperature of module body or pins
235
°C
Solder reflow temperature (Z suffix)(2)
Surface temperature of module body or pins
260
Tstg
Storage temperature
–40 to 125
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability
(2)
Moisture Sensitivity Level (MSL) Rating Level-3-260C-168HR
MIN
MAX
UNIT
VI
Input voltage
4.5
14
V
TA
Operating free-air temperature
–40
85
°C
PTH08000W (Suffix AH, AS, and AZ)
Weight
1.5 grams
Flammability
Meets UL 94 V-O
Mechanical shock
Per Mil-STD-883D, Method 2002.3, 1 ms, ½ sine, mounted
500 G (1)
Mechanical vibration
Mil-STD-883D, Method 2007.2, 20-2000 Hz
20 G (1)
(1)
Qualification limit.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com