Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH08000WAS2 Datasheet(PDF) 3 Page - Texas Instruments

Part # PTH08000WAS2
Description  2.25-A, WIDE INPUT, ADJUSTABLE SWITCHING REGULATOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH08000WAS2 Datasheet(HTML) 3 Page - Texas Instruments

  PTH08000WAS2 Datasheet HTML 1Page - Texas Instruments PTH08000WAS2 Datasheet HTML 2Page - Texas Instruments PTH08000WAS2 Datasheet HTML 3Page - Texas Instruments PTH08000WAS2 Datasheet HTML 4Page - Texas Instruments PTH08000WAS2 Datasheet HTML 5Page - Texas Instruments PTH08000WAS2 Datasheet HTML 6Page - Texas Instruments PTH08000WAS2 Datasheet HTML 7Page - Texas Instruments PTH08000WAS2 Datasheet HTML 8Page - Texas Instruments PTH08000WAS2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
PTH08000W
SLTS248 – JUNE 2005
at 25°C free-air temperature, V
I = 12 V, VO = 3.3 V, IO = IOmax, CI = 100 µF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IO
Output current
TA = 85°C, natural convection airflow
0
2.25
A
VI
Input voltage range
Over IO range
4.5 (1)
14
V
Set-point voltage tolerance
TA = 25°C
±2 (2)
%
Temperature variation
-40
≤ T
A ≤ 85°C
±0.5
%VO
VO
Line regulation
Over VI range
±7
mV
Load regulation
Over IO range
±0.13
%VO
Total output voltage variation
Includes set-point, line, load, -40
°C ≤ T
A ≤ 85°C
3 (2)
%VO
V(ADJ)
Output Voltage Adjust Range
Over IO range
0.9
5.5
V
RSET = 346 Ω, VO = 5 V
93.5%
RSET = 1.87 kΩ, VO = 3.3 V
92%
RSET = 3.74 kΩ, VO = 2.5 V
90.5%
TA = 25°C,
η
Efficiency
RSET = 6.19 kΩ, VO = 2 V
89.5%
IO = 2 A
RSET = 8.06 kΩ, VO = 1.8 V
88%
RSET = 13 kΩ, VO = 1.5 V
86.5%
RSET = 27.4 kΩ, VO = 1.2 V
84.5%
Output voltage ripple
20-MHz bandwidth
40
mVPP
Overcurrent threshold
Reset, followed by autorecovery
3.5
A
CO = 100 µF, 1
Recovery time
50
µs
A/µs load step
Transient response
from 50% to
VO over/undershoot
100
mV
100% IOmax
IIL track
Track input current (pin 2)
Pin to GND
–130
µA
dVtrack/dt
Track slew rate capability
CO ≤ CO(max)
1
V/ms
VI = increasing
4.35
4.5
UVLO
Undervoltage lockout
V
VI = decreasing
3.6
4
Input high voltage (VIH)
VI – 0.5
Open (3)
V
Inhibit control (pin 5)
Input low voltage (VIL)
–0.2
0.5
Input low current (IIL)
–5
µA
II (stby)
Input standby current
Pins 5 and 2 connected
1
mA
fS
Switching frequency
Over VI and IO ranges
300
kHz
External input capacitance
Electrolytic type (CI)
100 (4)
µF
Ceramic type (CO)
220
µF
External output capacitance
Nonceramic type (CO)
100 (5)
330 (6)
Equivalent series resistance (nonceramic)
10 (7)
m
Ω
Per Telcordia SR-332, 50% stress,
MTBF
Calculated reliability
10.3
106 Hr
TA = 40°C, ground benign
(1)
The minimum input voltage is 4.5 V or (VO + 1.1) V, whichever is greater.
(2)
The set-point voltage tolerance is affected by the tolerance and stability of RSET. The stated limit is unconditionally met if RSET has a
tolerance of 1% with 100 ppm/°C or better temperature stability.
(3)
This control pin has an internal pullup to the input voltage VI. If it is left open-circuit, the module operates when input power is applied. A
small, low-leakage (< 100 nA) metal-oxide semiconductor field effect transistor (MOSFET) is recommended for control. See the
Application Information for further guidance.
(4)
An external 100-µF electrolytic capacitor is required across the input (VI and GND) for proper operation. Locate the capacitor close to
the module.
(5)
An external output capacitor is not required for proper operation. Adding 100 µF of distributed capacitance at the load improves the
transient response.
(6)
This is the calculated maximum capacitance. The minimum ESR limitation often results in a lower value. See the capacitor application
information for further guidance.
(7)
This is the minimum ESR for all the electrolytic (nonceramic) capacitance. Use 14 m
Ω as the minimum when calculating the total
equivalent series resistance (ESR) using the maximum ESR values specified by the capacitor manufacturer.
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com