Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH08000WAS2 Datasheet(PDF) 16 Page - Texas Instruments

Part # PTH08000WAS2
Description  2.25-A, WIDE INPUT, ADJUSTABLE SWITCHING REGULATOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH08000WAS2 Datasheet(HTML) 16 Page - Texas Instruments

Back Button PTH08000WAS2 Datasheet HTML 12Page - Texas Instruments PTH08000WAS2 Datasheet HTML 13Page - Texas Instruments PTH08000WAS2 Datasheet HTML 14Page - Texas Instruments PTH08000WAS2 Datasheet HTML 15Page - Texas Instruments PTH08000WAS2 Datasheet HTML 16Page - Texas Instruments PTH08000WAS2 Datasheet HTML 17Page - Texas Instruments PTH08000WAS2 Datasheet HTML 18Page - Texas Instruments PTH08000WAS2 Datasheet HTML 19Page - Texas Instruments PTH08000WAS2 Datasheet HTML 20Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
www.ti.com
Notes on Use of Auto-Track™
PTH08000W
SLTS248 – JUNE 2005
1. The Track pin voltage must be allowed to rise above the module set-point voltage before the module
regulates at its adjusted set-point voltage.
2. The Auto-Track function tracks almost any voltage ramp during power up, and is compatible with ramp
speeds of up to 1 V/ms.
3. The absolute maximum voltage that may be applied to the Track pin is the input voltage VI.
4. The module cannot follow a voltage at its track control input until it has completed its soft-start initialization.
This takes about 20 ms from the time that a valid voltage has been applied to its input. During this period, it
is recommended that the Track pin be held at ground potential.
5. The Auto-Track function is disabled by connecting the Track pin to the input voltage (VI). When Auto-Track is
disabled, the output voltage rises at a quicker and more linear rate after input power has been applied.
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com