Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

115F40-R000RA-M3 Datasheet(PDF) 13 Page - AU Optronics Corp.,

Part # 115F40-R000RA-M3
Description  27inch Color TFT-LCD
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUO [AU Optronics Corp.,]
Direct Link  http://www.auo.com/
Logo AUO - AU Optronics Corp.,

115F40-R000RA-M3 Datasheet(HTML) 13 Page - AU Optronics Corp.,

Back Button 115F40-R000RA-M3 Datasheet HTML 9Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 10Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 11Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 12Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 13Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 14Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 15Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 16Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 17Page - AU Optronics Corp., Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
13
Product Specification
M270DTN01.5
CN3
PIN #
Symbol
DESCRIPTION
1
R5_0N
Negative LVDS differential data input (Port5 data)
2
R5_0P
Positive LVDS differential data input (Port5 data)
3
R5 1N
Negative LVDS differential data input (Port5 data)
4
R5 1P
Positive LVDS differential data input (Port5 data)
5
R5 2N
Negative LVDS differential data input (Port5 data)
6
R5 2P
Positive LVDS differential data input (Port5 data)
7
GND
Ground
8
R5_CLKN
Negative LVDS differential clock input (Port5 clock)
9
R5_CLKP
Positive LVDS differential clock input (Port5 clock)
10
GND
Ground
11
R5 3N
Negative LVDS differential data input (Port5 data)
12
R5 3P
Positive LVDS differential data input (Port5 data)
13
NC
No connection (for AUO test only. Do not connect)
14
NC
No connection (for AUO test only. Do not connect)
15
GND
Ground
16
R6_0N
Negative LVDS differential data input (Port6 data)
17
R6_0P
Positive LVDS differential data input (Port6 data)
18
R6_1N
Negative LVDS differential data input (Port6 data)
19
R6_1P
Positive LVDS differential data input (Port6 data)
20
R6 2N
Negative LVDS differential data input (Port6 data)
21
R6 2P
Positive LVDS differential data input (Port6 data)
22
GND
Ground
23
R6 CLKP
Negative LVDS differential clock input (Port6 clock)
24
R6 CLKP
Positive LVDS differential clock input (Port6 clock)
25
GND
Ground
26
R6_3N
Negative LVDS differential data input (Port6 data)
27
R6_3P
Positive LVDS differential data input (Port6 data)
28
NC
No connection (for AUO test only. Do not connect)
29
NC
No connection (for AUO test only. Do not connect)
30
3D_EN (I)
3D_EN (I)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com