Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

115F40-R000RA-M3 Datasheet(PDF) 1 Page - AU Optronics Corp.,

Part # 115F40-R000RA-M3
Description  27inch Color TFT-LCD
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUO [AU Optronics Corp.,]
Direct Link  http://www.auo.com/
Logo AUO - AU Optronics Corp.,

115F40-R000RA-M3 Datasheet(HTML) 1 Page - AU Optronics Corp.,

  115F40-R000RA-M3 Datasheet HTML 1Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 2Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 3Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 4Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 5Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 6Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 7Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 8Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 9Page - AU Optronics Corp., Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
1
Product Specification
M270DTN01.5
( V ) Preliminary Specification
( V ) Final Specification
Module
27” Color TFT-LCD
Model Name
M270DTN01.5
Suffix Name
Document version
D01
Document
APPROVED BY
James Kuo
Date: 2015/10/19
PREPARED BY
Junda Lin
Date : 2015/10/19
CUSTOMER APPROVED AND FEEDBACK
CUSTOMER
APPROVED BY
Date :
Note: This Specification is subject to change without notice.


Similar Part No. - 115F40-R000RA-M3

ManufacturerPart #DatasheetDescription
logo
ATTEND Technology Inc.
115F ATTEND-115F Datasheet
291Kb / 5P
HINGE TYPE, 62 PIN, G/F, REEL, W/PEG, W/SWITCH, W/LOGO
2016/01/20
115F-AAA2 ATTEND-115F-AAA2 Datasheet
291Kb / 5P
HINGE TYPE, 62 PIN, G/F, REEL, W/PEG, W/SWITCH, W/LOGO
2016/01/20
115F-AAA3 ATTEND-115F-AAA3 Datasheet
291Kb / 5P
HINGE TYPE, 62 PIN, G/F, REEL, W/PEG, W/SWITCH, W/LOGO
2016/01/20
115F-P1401014 ATTEND-115F-P1401014 Datasheet
291Kb / 5P
HINGE TYPE, 62 PIN, G/F, REEL, W/PEG, W/SWITCH, W/LOGO
2016/01/20
More results

Similar Description - 115F40-R000RA-M3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TM150XG-02L02E ETC1-TM150XG-02L02E Datasheet
233Kb / 18P
TFT COLOR LCD MODULE
TM150XG-02L02F ETC1-TM150XG-02L02F Datasheet
235Kb / 17P
TFT COLOR LCD MODULE
TM150XG-22L01A ETC1-TM150XG-22L01A Datasheet
612Kb / 15P
TFT COLOR LCD MODULE
logo
NEC
NL6448BC20-18D NEC-NL6448BC20-18D Datasheet
354Kb / 29P
TFT COLOR LCD MODULE
logo
AZ Displays
PD040QX2 AZDISPLAYS-PD040QX2 Datasheet
1Mb / 34P
color TFT LCD module
PM070WU1 AZDISPLAYS-PM070WU1 Datasheet
582Kb / 20P
color TFT LCD module
PM102ZY3 AZDISPLAYS-PM102ZY3 Datasheet
793Kb / 28P
color TFT LCD module
logo
Purdy Electronics Corpo...
AND-TFT-35VX-LED PURDY-AND-TFT-35VX-LED Datasheet
3Mb / 6P
TFT LCD Color Module
AND-TFT-104TS PURDY-AND-TFT-104TS Datasheet
1,008Kb / 15P
color TFT-LCD
logo
AU Optronics Corp.,
M215HW01VB AUO-M215HW01VB Datasheet
494Kb / 28P
21.5inch Color TFT-LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com