Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

115F40-R000RA-M3 Datasheet(PDF) 6 Page - AU Optronics Corp.,

Part # 115F40-R000RA-M3
Description  27inch Color TFT-LCD
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUO [AU Optronics Corp.,]
Direct Link  http://www.auo.com/
Logo AUO - AU Optronics Corp.,

115F40-R000RA-M3 Datasheet(HTML) 6 Page - AU Optronics Corp.,

Back Button 115F40-R000RA-M3 Datasheet HTML 2Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 3Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 4Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 5Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 6Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 7Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 8Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 9Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 10Page - AU Optronics Corp., Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
6
Product Specification
M270DTN01.5
Optical Characteristics
The optical characteristics are measured on the following test condition.
Test Condition:
:
:
:
1.Equiment setuo:Please refer to Note 2-1
2.Panel Lighting:30 Minutes
3.VDD=12.0V, Fv=144Hz, Is=120mA, Ta=2.5℃
Symbol
Description
Min.
Typ.
Max.
Unit
Remark
Lw
White Luminance (Center of screen)
300
350
-
[cd/m
2]
Note 2-1
Luni
Luminance Uniformity (9 points)
75
80
-
[%]
Note 2-1
CR
Contrast Ratio (Center of screen)
600
1000
-
-
Note 2-1
θR
Horizontal Viewing Angle
(CR=10)
Right
75
85
-
[degree]
Note 2-2
By SR-3
θL
Left
75
85
-
ΦR
Vertical Viewing Angle
(CR=10)
Up
70
80
-
ΦL
Down
70
80
-
θR
Horizontal Viewing Angle
(CR=5)
Right
75
88
-
θL
Left
75
88
-
ΦR
Vertical Viewing Angle
(CR=5)
Up
70
85
-
ΦL
Down
70
85
-
TR
Response Time
Rising Time
-
3.5
5.5
[msec]
Note 2-4
By TRD-1000
TL
Falling Time
-
1.5
2.5
Rising + Falling
-
5
8
Rx
Color Coordinates
(CIE 1931)
Red x
0.616
0.646
0.676
By SR-3
Ry
Red y
0.314
0.344
0.374
Gx
Green x
0.285
0.315
0.345
Gy
Green y
0.595
0.625
0.655
Bx
Blue x
0.110
0.140
0.170
By
Blue y
0.015
0.045
0.075
Wx
White x
0.283
0.313
0.343
Wy
White y
0.299
0.329
0.359
CT
Crosstalk
-
-
1.5
[%]
Note 2-8
FdB
Flicker (Center of screen)
-
-
-20
[dB]
Note 2-9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com