Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

115F40-R000RA-M3 Datasheet(PDF) 26 Page - AU Optronics Corp.,

Part # 115F40-R000RA-M3
Description  27inch Color TFT-LCD
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUO [AU Optronics Corp.,]
Direct Link  http://www.auo.com/
Logo AUO - AU Optronics Corp.,

115F40-R000RA-M3 Datasheet(HTML) 26 Page - AU Optronics Corp.,

Back Button 115F40-R000RA-M3 Datasheet HTML 22Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 23Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 24Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 25Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 26Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 27Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 28Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 29Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 30Page - AU Optronics Corp., Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
26
Product Specification
M270DTN01.5
Symbol
Value
Unit
Remark
Min.
Typ.
Max.
T1
0.5
-
10
[ms]
T2
0
-
50
[ms]
T3
500
-
-
[ms]
T4
100
-
-
[ms]
T5
0
50
[ms]
Note 6-7
Note 6-8
T6
0
-
150
[ms]
Note 6-8
T7
1000
-
-
[ms]
Note 6-7 :
Recommend setting T5 = 0ms to avoid electronic noise when VDD is off.
Note 6-8 :
During T5 and T6 period, please keep the level of input LVDS signals with Hi-Z state.
Backlight Unit
Block Diagram
The following shows the block diagram of the 27 inch Backlight Unit. And it includes 72 pcs LED in
the LED light bar. (4 strings and 18 pcs LED of one string).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com