Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

115F40-R000RA-M3 Datasheet(PDF) 2 Page - AU Optronics Corp.,

Part # 115F40-R000RA-M3
Description  27inch Color TFT-LCD
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUO [AU Optronics Corp.,]
Direct Link  http://www.auo.com/
Logo AUO - AU Optronics Corp.,

115F40-R000RA-M3 Datasheet(HTML) 2 Page - AU Optronics Corp.,

  115F40-R000RA-M3 Datasheet HTML 1Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 2Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 3Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 4Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 5Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 6Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 7Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 8Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 9Page - AU Optronics Corp., Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
2
Product Specification
M270DTN01.5
Contents
Item
Page
1.
Handling Precautions
4
2.
General Description
5
3.
Functional Block Diagram
10
4.
Absolute Maximum Ratings
16
5.
Electrical characteristics
17
6.
Signal Characteristic
18
7.
Connector & Pin Assignment
28
8.
Reliability Test
35
9.
Shipping Label
36
10. Packing Precautions
37
11. Drawing
38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com