Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

115F40-R000RA-M3 Datasheet(PDF) 21 Page - AU Optronics Corp.,

Part # 115F40-R000RA-M3
Description  27inch Color TFT-LCD
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUO [AU Optronics Corp.,]
Direct Link  http://www.auo.com/
Logo AUO - AU Optronics Corp.,

115F40-R000RA-M3 Datasheet(HTML) 21 Page - AU Optronics Corp.,

Back Button 115F40-R000RA-M3 Datasheet HTML 17Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 18Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 19Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 20Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 21Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 22Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 23Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 24Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 25Page - AU Optronics Corp., Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
21
Product Specification
M270DTN01.5
Color versus Input Data
The following table is for color versus input data (8bit). The higher the gray level, the brighter. the
color.
LVDS Specification
DC Characteristics of each signal are as following:
Symbol
Parameter
Min
Typ
Max
Units
VTH
Differential Input High
Threshold
-
-
+100
mV
VICM = 1.2V
Note 1
VTL
Differential Input Low
Threshold
-100
-
-
mV
VICM = 1.2V
Note 1
│
│
│
│VID│
│
│
│
Input Differential Voltage
100
-
600
mV
Note 6-2
VCM
Differential Input
Common Mode Voltage
+1.0
+1.2
+1.5
V
VTH-VTL = 200MV (max)
Note 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com