Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8059 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP8059
Description  10 Channel Photo Detector IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8059 Datasheet(HTML) 1 Page - Sipex Corporation

  SP8059 Datasheet HTML 1Page - Sipex Corporation SP8059 Datasheet HTML 2Page - Sipex Corporation SP8059 Datasheet HTML 3Page - Sipex Corporation SP8059 Datasheet HTML 4Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ADVANCED
SP8059
Rev 0.7e (05-17-05)
SP8059 Ten-Channel Photo detector IC
Copyright 2005 Sipex Corporation
SIPEX RESERVES THE RIGHT TO MAKE CHANGES TO THIS DATASHEET. CALL FOR UPDATES: 1-408-934-7500.
SIPEX CONFIDENTIAL, PRELIMINARY & PROPRIETARY. DO NOT DISTRIBUTE OR
COPY
page
1 of 4
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
A
D
Vcc
RF+
RF-
GND
B
C
E
G
Vref
Gain 1
Gain 0
Gain 2
F
H
SP8059
16-Pin
OLCC
FEATURES
•
Triple wavelength support: 405, 650 and 780nm
•
72MHz Data channel bandwidth at -1dB linearity
•
Selectable gain and Power Down Mode
•
Available in wafer form or
5.0 x 4.0 mm 16-pin OLCC package
APPLICATION
•
4X Blu-Ray Read/Write
•
X16 DVD Read/Write
•
X48 CD Read/Write
GENERAL DESCRIPTION
The SP8059 is a ten-channel photo detector IC (PDIC) designed for new generation of Blu-Ray
DVD and standard DVD/CD applications and can operate at wavelengths of 405, 650 and 780
nm. The device contains three photo diode (sensor) arrays, one of them with four identical
sensors A – D and the other two with two sensors each (E, F and G, H respectively). The ten
channels consist of four high speed channels (A, B, C, and D), four slow channels (E, F, G, and
H), and two RF channel with paraphrase output (RF+ and RF-). The high speed channels output
a signal from one of the sensors A – D. The E, F, G, and H channel outputs are used for servo
control. The RF channels output is the sum of A + B + C + D channels with identical weights
given to all channels.
Three Gain select inputs allow the setting of eight gain modes and a Power Down mode with low
power consumption if Gain 0 input is left floating.
Low noise operation enables data recovery at very low signal levels.
10 Channel Photo Detector IC


Similar Part No. - SP8059

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP8050A SIPEX-SP8050A Datasheet
39Kb / 4P
8 Channel, 150MHz Fully Integrated PDIC Receiver with Gain Switching
SP8051 SIPEX-SP8051 Datasheet
66Kb / 5P
8 Channel, 140MHz Fully Integrated PDIC Receiver with Gain Switching
SP8052 SIPEX-SP8052 Datasheet
112Kb / 4P
High Speed 12-channel Photo Detector IC
SP8053 SIPEX-SP8053 Datasheet
91Kb / 3P
10 - Channel Photo Detector IC
SP8053DG SIPEX-SP8053DG Datasheet
91Kb / 3P
10 - Channel Photo Detector IC
More results

Similar Description - SP8059

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP8042PB SIPEX-SP8042PB Datasheet
64Kb / 4P
7 Channel Photo Detector IC
SP8043 SIPEX-SP8043 Datasheet
185Kb / 5P
10 Channel Photo Detector IC
SP8052 SIPEX-SP8052 Datasheet
112Kb / 4P
High Speed 12-channel Photo Detector IC
SP8056 SIPEX-SP8056 Datasheet
137Kb / 4P
High Speed 10-channel Photo Detector IC
SP8062 SIPEX-SP8062 Datasheet
110Kb / 4P
High Speed 10-channel Photo Detector IC
SP8053 SIPEX-SP8053 Datasheet
91Kb / 3P
10 - Channel Photo Detector IC
SP8058 SIPEX-SP8058 Datasheet
102Kb / 4P
High Speed 10-channel Photo Detector IC
SP8064 SIPEX-SP8064 Datasheet
130Kb / 4P
High Speed 10-channel Photo Detector IC
logo
ATMEL Corporation
ATR0874 ATMEL-ATR0874 Datasheet
137Kb / 7P
10-channel High Speed Photo Detector IC for DVD/CD
ATR1874 ATMEL-ATR1874 Datasheet
142Kb / 7P
10-channel High-speed Photo Detector IC for DVD/CD
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com