Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT2273 Datasheet(PDF) 3 Page - Hotchip Technology Co.,Ltd

Part # HT2273
Description  Burst Mode Control
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT2273 Datasheet(HTML) 3 Page - Hotchip Technology Co.,Ltd

  HT2273 Datasheet HTML 1Page - Hotchip Technology Co.,Ltd HT2273 Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HT2273 Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT2273 Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HT2273 Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HT2273 Datasheet HTML 6Page - Hotchip Technology Co.,Ltd HT2273 Datasheet HTML 7Page - Hotchip Technology Co.,Ltd HT2273 Datasheet HTML 8Page - Hotchip Technology Co.,Ltd HT2273 Datasheet HTML 9Page - Hotchip Technology Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
HT2273
3/10
Current Mode PWM Controller
www.hotchip.com.cn
Ver1.0
Block Diagram
Absolute Maximum Ratings
Symbol
Parameter
Value
Unit
VCC
DC supply voltage
30
V
VFB
FB input voltage
-0.3~7
V
VCS
CS input voltage
-0.3~7
V
VRT
RT input voltage
-0.3~7
V
TJ
Operating junction temperature
-20~150
TSTG
Storage temperature
-40~150
VCV
VCC clamp voltage
26
V
ICC
VCC DC clamp current
10
mA
Note: Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These
are stress
ratings only, functional operation of the device at these or any other conditions beyond those indicated in the
Recommended Operating Conditions section are not implied. Exposure to absolute maximum-rated conditions for
extended periods may affect
device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com