Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT2273 Datasheet(PDF) 4 Page - Hotchip Technology Co.,Ltd

Part # HT2273
Description  Burst Mode Control
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT2273 Datasheet(HTML) 4 Page - Hotchip Technology Co.,Ltd

  HT2273 Datasheet HTML 1Page - Hotchip Technology Co.,Ltd HT2273 Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HT2273 Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT2273 Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HT2273 Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HT2273 Datasheet HTML 6Page - Hotchip Technology Co.,Ltd HT2273 Datasheet HTML 7Page - Hotchip Technology Co.,Ltd HT2273 Datasheet HTML 8Page - Hotchip Technology Co.,Ltd HT2273 Datasheet HTML 9Page - Hotchip Technology Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
HT2273
4/10
Current Mode PWM Controller
www.hotchip.com.cn
Ver1.0
Recommended Operating Condition
Symbol
Parameter
Value
Unit
VCC
VCC supply voltage
10~30
V
RT
RT resistor value
100
Kohm
TA
Operating temperature
-20~85
℃
Electrical Characteristics(TA=25℃,VCC=16V, if not otherwise noted)
Supply Voltage (VCC)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VCC_OP
Operation voltage
30
V
UVLO_ON
Turn on threshold Voltage
6
7
8
V
UVLO_OFF
Turn-off threshold Voltage
12.5
13.5
14.5
V
I_VCC_ST
Start up current
VCC=13V
5
20
uA
I_VCC_OP
Operation Current
VFB=3V
1.8
2.5
mA
Vpull_up
Pull-up PMOS active
13
VCC_Clamp
VCC Zener Clamp
IVCC=10mA
30
32
34
V
Voltage
OVP(ON)
Over voltage protection
voltage
CS=0.3V,FB=3V,
Ramp up VCC until
gate clock is off
26
28
30
Vlatch_release
Latch release voltage
5
V
Feedback Input Section
VFB_Open
VFB Open Loop Voltage
3.9
4.2
V
Avcs
PWM input gain Δ Vfb/Δ
Vcs
2
V/V
Vref_green
The threshold enter green
mode
2.1
V
Vref_burst_H
The threshold exit burst
mode
1.3
V
Vref_burst_L
The threshold enter burst
mode
1.2
V
IFB_Short
FB Pin Short Current
FB Shorted to GND
0.4
mA
VTH_PL
Power limiting FB
Threshold
3.7
V
TD_PL
Power limiting Debounce
80
88
96
ms
ZFB_IN
Input Impedance
16
kΩ
Max_Duty
Maximum duty cycle
75
80
85
%



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com