Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT2273 Datasheet(PDF) 7 Page - Hotchip Technology Co.,Ltd

Part # HT2273
Description  Burst Mode Control
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT2273 Datasheet(HTML) 7 Page - Hotchip Technology Co.,Ltd

Back Button HT2273 Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HT2273 Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT2273 Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HT2273 Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HT2273 Datasheet HTML 6Page - Hotchip Technology Co.,Ltd HT2273 Datasheet HTML 7Page - Hotchip Technology Co.,Ltd HT2273 Datasheet HTML 8Page - Hotchip Technology Co.,Ltd HT2273 Datasheet HTML 9Page - Hotchip Technology Co.,Ltd HT2273 Datasheet HTML 10Page - Hotchip Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
HT2273
7/10
Current Mode PWM Controller
www.hotchip.com.cn
Ver1.0
Function Description
HT2273 is a high performance current mode PWM
controller,
optimized
for
low
power
AC/DC
application. Ultra low startup current and operating
current together with burst mode feature minimize
the standby power consumption and improve the
switching efficiency. In addition to reduce the
external
component
count,
the
internal
synchronous
slope
compensation
combines
compensation combines with
the leading-edge
blanking
improves system large stability and
reduces
the
possible
subharmonic
oscillation.
HT2273 also have multiform general recovery
protection mode. The main function is described as
below
Startup Current and Startup Control
Startup current of HT2273 is designed to be
extremely low at 5uA, so that VCC could be
charged up above UVLO threshold level and device
starts up quickly. A large value startup resistor can
therefore be used to minimize the power loss,
predigest the design of startup circuit and provides
reliable startup in application. For the design of
AC/DC adaptor with universal input range, a startup
resistor of 2 MΩ, 1/8 W could be used together with
a VCC capacitor to provide a fast startup and low
power dissipation solution.
Operating Current
The operating current of HT2273 is low at 1.8mA.
Excellent efficiency is achieved with low
operating current together and extended burst
mode control circuit.
Soft Start
HT2273 features an internal 4ms soft start to soften
the electrical stress occurring in the power supply
during startup. It is activated during the power on
sequence.
As
soon as
VCC reaches
UVLO
( OFF ), the CS peak voltage is gradually
increaced from 0.15V to the maximum level. Every
restart up is followed by a soft start.
Extended Burst Mode Operation
At zero load or light load, most of the power
dissipation of the switching power supply comes
from the MOSFET switching loss, the core loss of
the transformer and the loss on the snubber circuit.
The magnitude of power loss is in proportion to the
number of switching events within a period of time.
Therefore reducing the switch event leads to
reduction on the power loss and thus saving the
energy.
For the burst mode control circuit, HT2273 self
adjusts the switching mode according to the loading
condition. At the condition of no load or
light/medium load, the FB input voltage drops below
burst mode threshold level. Device enters Burst
Mode control on the basis of the judgment. The
gate drive output switches only when VCC voltage
drops below a preset level and FB input is active.
Otherwise the gate drive remains at off to
minimize the switching loss and power consumption
to the greatest extend. The frequency control also
eliminates the audio noise at any loading
conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com