Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT2273 Datasheet(PDF) 8 Page - Hotchip Technology Co.,Ltd

Part # HT2273
Description  Burst Mode Control
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT2273 Datasheet(HTML) 8 Page - Hotchip Technology Co.,Ltd

Back Button HT2273 Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HT2273 Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT2273 Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HT2273 Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HT2273 Datasheet HTML 6Page - Hotchip Technology Co.,Ltd HT2273 Datasheet HTML 7Page - Hotchip Technology Co.,Ltd HT2273 Datasheet HTML 8Page - Hotchip Technology Co.,Ltd HT2273 Datasheet HTML 9Page - Hotchip Technology Co.,Ltd HT2273 Datasheet HTML 10Page - Hotchip Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
HT2273
8/10
Current Mode PWM Controller
www.hotchip.com.cn
Ver1.0
Oscillator Operation
The switching frequency is internally fixed at
65kHz.No external frequency setting components
are required for PCB design simplification.
Current Sensing and Leading Edge
Blanking
Cycle-by-Cycle current limiting is offered in HT2273.
The switch current is detected by a sense resistor
into the sense pin. An internal leading edge
blanking circuit chops off the sense voltage spike at
initial MOSFET on state due to snubber diode
reverse recovery so that the external RC filtering on
sense input is no longer required. The current limit
comparator is disabled and thus cannot turn off the
internal MOSFET during the blanking period. PWM
duty cycle is determined by the current sense input
voltage and the FB input voltage.
Internal Synchronized Slope
Compensation
Built-in slope compensation circuit adds slope
voltage onto the current sense input voltage for
PWM generation. This greatly enhances the close
loop stability at CCM and prevents possible
subharmonic oscillation and thus reduces the
output ripple voltage.
Gate Drive
The gate drive strength which is too weak leads to
over switch loss of MOSFET while too strong gate
drive output compromises in the over EMI. A good
tradeoff between output strength and dead time
control is achieved through the design of the built-in
totem pole gate. The low standby dissipation and
good EMI system design is easier to achieve
through this dedicated devise. For MOSFET gate
protection, an internal 12V clamp is added at higher
than expected VCC input.
Protection Controls
Excellent system stability is achieved by the
comprehensive protection of HT2273. Including
Cycle-by-Cycle current limiting (OCP), Over Load
Protection (OLP) and over voltage clamp, VCC
Clamp, Under Voltage Lockout on VCC (UVLO),
OTP and OVP shut down latch. At overload
condition when FB input voltage exceeds power
limit threshold value for more than TD_PL, control
circuit reacts to shut down the output power
MOSFET. Device restarts when VCC voltage drops
below UVLO limit. It is clamped when VCC is
higher than threshold value. The power MOSFET is
shut down when VCC drops below UVLO limit and
device enters power on start-up sequence
thereafter.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com