Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT2273 Datasheet(PDF) 5 Page - Hotchip Technology Co.,Ltd

Part # HT2273
Description  Burst Mode Control
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT2273 Datasheet(HTML) 5 Page - Hotchip Technology Co.,Ltd

  HT2273 Datasheet HTML 1Page - Hotchip Technology Co.,Ltd HT2273 Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HT2273 Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT2273 Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HT2273 Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HT2273 Datasheet HTML 6Page - Hotchip Technology Co.,Ltd HT2273 Datasheet HTML 7Page - Hotchip Technology Co.,Ltd HT2273 Datasheet HTML 8Page - Hotchip Technology Co.,Ltd HT2273 Datasheet HTML 9Page - Hotchip Technology Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
HT2273
5/10
Current Mode PWM Controller
www.hotchip.com.cn
Ver1.0
Current CS Section
SST
Soft Start time
4
ms
TLEB
Leading edge Blanking
Time
220
ns
ZCS
Input impedance
40
kΩ
TD_OC
OCP control delay
GATE with 1nF to
GND
120
ns
VTH_OC
OCP threshold
FB=3V
0.75
V
Vocp_clamping
0.9
V
Oscillator Section
Fosc
Normal Oscillation
Frequency
VCC=14V,FB=3V,
CS=0.3V
60
65
70
khz
Fosc_BM
Burst mode frequency
22
khz
∆f_temp
Frequency variation
versus temp. Deviation
TEMP = -20 to 85℃
1
%
∆f_VCC
Frequency variation
versus VCC
VCC = 12 to 25V
1
%
F_shuffling
Shuffling Frequency
32
Hz
∆f_OSC
Frequency Jittering
±4
%
GATE Output Section
VOL
Output voltage Low
VCC = 14V, Io = -
5mA
1
V
VOH
Output voltage high
VCC = 14V, Io =
20mA
6
V
Vclamp
Output clamp voltage
12
V
Tr
Rising time
GATE with 1nF to
GND, Gate 从
1~12V
175
ns
Tf
Falling time
GATE with 1nF to
GND, Gate 从
12~1V
85
ns
Over temperature protection
IRT
Output current of RT pin
95
100
105
uA
Votp
Threshold voltage for
OTP
0.95
1
1.05
V
Td_OTP
OTP debounce time
16
Cycle
VRT_FL
Float voltage at RT pin
2.3
V
Vth_OVP
External OVP threshold
voltage
4
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com