Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT2273 Datasheet(PDF) 2 Page - Hotchip Technology Co.,Ltd

Part # HT2273
Description  Burst Mode Control
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT2273 Datasheet(HTML) 2 Page - Hotchip Technology Co.,Ltd

  HT2273 Datasheet HTML 1Page - Hotchip Technology Co.,Ltd HT2273 Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HT2273 Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT2273 Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HT2273 Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HT2273 Datasheet HTML 6Page - Hotchip Technology Co.,Ltd HT2273 Datasheet HTML 7Page - Hotchip Technology Co.,Ltd HT2273 Datasheet HTML 8Page - Hotchip Technology Co.,Ltd HT2273 Datasheet HTML 9Page - Hotchip Technology Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
HT2273
2/10
Current Mode PWM Controller
www.hotchip.com.cn
Ver1.0
Typical Application Circuit
Pin Configuration
Pin Function Description
Pin
Name
Pin
Number
Pin Type
Function Description
GND
1
GND
Ground.
FB
2
Feedback Input
Feedback input pin. The PWM duty cycle is determined by
voltage level into this pin and the current-sense signal at Pin
4. The internal protection circuit will automatically shutdown
when the FB voltage level exceeds a preset threshold
voltage.
RT
3
OTP Setting
Dual function pin. Either connected through a NTC resistor to
ground for over temperature shut down/latch control or
connected through Zener to VCC for adjustable over voltage
protection.
CS
4
Current Monitoring
Current sense input.
VCC
5
Power
Power supply
GATE
6
Gate-driven output
Totem-pole gate driver output for power MOSFET.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com