Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2003 Datasheet(PDF) 3 Page - Hotchip Technology Co.,Ltd

Part # TDA2003
Description  The TDA2003 is a monolithic audio power amplifier integrated circuit.
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

TDA2003 Datasheet(HTML) 3 Page - Hotchip Technology Co.,Ltd

  TDA2003 Datasheet HTML 1Page - Hotchip Technology Co.,Ltd TDA2003 Datasheet HTML 2Page - Hotchip Technology Co.,Ltd TDA2003 Datasheet HTML 3Page - Hotchip Technology Co.,Ltd TDA2003 Datasheet HTML 4Page - Hotchip Technology Co.,Ltd TDA2003 Datasheet HTML 5Page - Hotchip Technology Co.,Ltd TDA2003 Datasheet HTML 6Page - Hotchip Technology Co.,Ltd TDA2003 Datasheet HTML 7Page - Hotchip Technology Co.,Ltd TDA2003 Datasheet HTML 8Page - Hotchip Technology Co.,Ltd TDA2003 Datasheet HTML 9Page - Hotchip Technology Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
14W HI-FI AUDIO AMPLIFIER
TDA2003(C)
 
第 3 页  共 11 页 
ELECTRICAL CHARACTERISTICS (Refer to the test circuit, Vs =±16V,Ta=25℃)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC CHARACTERISTICS
Supply Voltage
Vss
8
18
V
Quiescent Output Voltage
VOUT
6.1
6.9
7.7
V
Quiescent Drain Current
ID
44
50
mA
AC CHARACTERISTICS
Output Power
POUT
THD=10%,
f=1kHz
RL=4Ω
5.5
6
W
RL=2Ω
9
10
RL=3.2Ω
7.5
RL=1.6Ω
1.2
Input Sensitivity
VI
f=1kHz
POUT=0.5W, RL=4Ω
14
mV
POUT=6W, RL=4Ω
55
POUT=0.5W, RL=2Ω
10
POUT=10W, RL=2Ω
50
Input Saturation Voltage
VI(RMS)
300
mV
Frequency
F
POUT=1W, RL=4Ω
40
15000
Hz
Total Harmonic Distortion
THD
f=1kHz
POUT=0.05 ~ 4.5W,
0.15
%
POUT=0.05 ~ 7.5W,
0.15
Input Resistance(Pin 1)
RI
open loop, f=1kHz
70
150
kΩ
Input Noise Current
RI
60
200
pA
Input Noise Voltage
eN
1
5
μV
Open Loop Voltage Gain
Gvo
f=1kHz
80
dB
f=10kHz
60
dB
Closed Loop Voltage
Gvc
f=1kHz, RL=4Ω
39.3
40
40.3
dB
Efficiency, f=1kHz
η
POUT=6W, RL=4Ω
69
%
POUT=10W, RL=2Ω
65
Supply Voltage Rejection
SVR
f=100Hz, VRUPPLE=0.5V RG=10kΩ,
30
36
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com