Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2003 Datasheet(PDF) 1 Page - Hotchip Technology Co.,Ltd

Part # TDA2003
Description  The TDA2003 is a monolithic audio power amplifier integrated circuit.
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

TDA2003 Datasheet(HTML) 1 Page - Hotchip Technology Co.,Ltd

  TDA2003 Datasheet HTML 1Page - Hotchip Technology Co.,Ltd TDA2003 Datasheet HTML 2Page - Hotchip Technology Co.,Ltd TDA2003 Datasheet HTML 3Page - Hotchip Technology Co.,Ltd TDA2003 Datasheet HTML 4Page - Hotchip Technology Co.,Ltd TDA2003 Datasheet HTML 5Page - Hotchip Technology Co.,Ltd TDA2003 Datasheet HTML 6Page - Hotchip Technology Co.,Ltd TDA2003 Datasheet HTML 7Page - Hotchip Technology Co.,Ltd TDA2003 Datasheet HTML 8Page - Hotchip Technology Co.,Ltd TDA2003 Datasheet HTML 9Page - Hotchip Technology Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
14W HI-FI AUDIO AMPLIFIER
TDA2003(C)
 
第 1 页  共 11 页 
DESCRIPTION
The TDA2003 is a monolithic audio power amplifier integrated circuit.
FEATURES
Very low number of external component required.
High current output (up to 3 A).
Low harmonic and crossover distortion.
Built-in Over temperature protection.
Short circuit protection between all pins.
Safety Operating Area for output transistors
ORDERING INFORMATION
Ordering Number
Package
Packing
Normal
Lead Free Plating
TDA2003-TA5-T
TDA2003L-TA5-T
TO-220-5
Tube
TDA2003-TB5-T
TDA2003L-TB5-T
TO-220B
Tube
PIN CONFIGURATION
PIN NO.
PIN NAME
1
Non inverting input
2
Inverting inpu
3
Ground
4
Output
5
Supply Voltage


Similar Part No. - TDA2003

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA2003 STMICROELECTRONICS-TDA2003 Datasheet
152Kb / 10P
10W CAR RADIO AUDIO AMPLIFIER
Oct-1998
logo
Wuxi Youda electronics ...
TDA2003 YOUDA-TDA2003 Datasheet
158Kb / 3P
10W AUDIO AMPLIFIER
logo
Unisonic Technologies
TDA2003 UTC-TDA2003 Datasheet
316Kb / 10P
10W CAR RADIO AUDIO AMPLIFIER
logo
STMicroelectronics
TDA2003 STMICROELECTRONICS-TDA2003 Datasheet
301Kb / 10P
10W CAR RADIO AUDIO AMPLIFIER
Sep-2013
logo
Tiger Electronic Co.,Lt...
TDA2003 TGS-TDA2003 Datasheet
338Kb / 8P
10W CAR RADIO AUDIO AMPLIFIER
More results

Similar Description - TDA2003

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1115 NTE-NTE1115 Datasheet
30Kb / 4P
Integrated Circuit Audio Power Amplifier, 7W
NTE1285 NTE-NTE1285 Datasheet
20Kb / 2P
Integrated Circuit Audio Power Amplifier, 5.8W
NTE1294 NTE-NTE1294 Datasheet
23Kb / 3P
Integrated Circuit Audio Power Amplifier, 1.2W
NTE1376 NTE-NTE1376 Datasheet
24Kb / 3P
Integrated Circuit Audio Power Amplifier, 22W
NTE1465 NTE-NTE1465 Datasheet
21Kb / 2P
Integrated Circuit Audio Power Amplifier, 500mW
NTE7143 NTE-NTE7143 Datasheet
29Kb / 2P
Integrated Circuit Audio Power Amplifier, 20W
logo
KEC(Korea Electronics)
KIA6419P KEC-KIA6419P Datasheet
1Mb / 11P
SILICON MONOLITHIC INTEGRATED CIRCUIT (LOW POWER AUDIO AMPLIFIER)
logo
NTE Electronics
NTE1180 NTE-NTE1180 Datasheet
79Kb / 2P
Integrated Circuit Audio Power Amplifier, 1.5W
NTE1224 NTE-NTE1224 Datasheet
76Kb / 1P
Integrated Circuit Audio Power Amplifier, 1W
NTE7011 NTE-NTE7011 Datasheet
75Kb / 3P
Integrated Circuit 20W Audio Power Amplifier Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com