Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2003 Datasheet(PDF) 2 Page - Hotchip Technology Co.,Ltd

Part # TDA2003
Description  The TDA2003 is a monolithic audio power amplifier integrated circuit.
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

TDA2003 Datasheet(HTML) 2 Page - Hotchip Technology Co.,Ltd

  TDA2003 Datasheet HTML 1Page - Hotchip Technology Co.,Ltd TDA2003 Datasheet HTML 2Page - Hotchip Technology Co.,Ltd TDA2003 Datasheet HTML 3Page - Hotchip Technology Co.,Ltd TDA2003 Datasheet HTML 4Page - Hotchip Technology Co.,Ltd TDA2003 Datasheet HTML 5Page - Hotchip Technology Co.,Ltd TDA2003 Datasheet HTML 6Page - Hotchip Technology Co.,Ltd TDA2003 Datasheet HTML 7Page - Hotchip Technology Co.,Ltd TDA2003 Datasheet HTML 8Page - Hotchip Technology Co.,Ltd TDA2003 Datasheet HTML 9Page - Hotchip Technology Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
14W HI-FI AUDIO AMPLIFIER
TDA2003(C)
 
第 2 页  共 11 页 
BLOCK DIAGR
ABSOLUTE MAXIMUM RATINGS
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VSS
40
V
DC Supply Voltage
VSS
28
V
Operating Supply Voltage
VSS
18
V
Output Peak Current
Repetitive
IO(PEAK)
3.5
A
Non Repetitive
4.5
Power Dissipation at Tc = 90℃
PD
20
W
Storage and Junction Temperature
TSTG
-40 ~ +150
℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com