Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2003 Datasheet(PDF) 11 Page - Hotchip Technology Co.,Ltd

Part # TDA2003
Description  The TDA2003 is a monolithic audio power amplifier integrated circuit.
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

TDA2003 Datasheet(HTML) 11 Page - Hotchip Technology Co.,Ltd

Back Button TDA2003 Datasheet HTML 3Page - Hotchip Technology Co.,Ltd TDA2003 Datasheet HTML 4Page - Hotchip Technology Co.,Ltd TDA2003 Datasheet HTML 5Page - Hotchip Technology Co.,Ltd TDA2003 Datasheet HTML 6Page - Hotchip Technology Co.,Ltd TDA2003 Datasheet HTML 7Page - Hotchip Technology Co.,Ltd TDA2003 Datasheet HTML 8Page - Hotchip Technology Co.,Ltd TDA2003 Datasheet HTML 9Page - Hotchip Technology Co.,Ltd TDA2003 Datasheet HTML 10Page - Hotchip Technology Co.,Ltd TDA2003 Datasheet HTML 11Page - Hotchip Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
14W HI-FI AUDIO AMPLIFIER
TDA2003(C)
 
第 11 页  共 11 页 
PENTAWATT PACKAGE MECHANICAL DATA
DIM.
mm
inch
MIN
TYP
MAX
MIN
TYP
MAX
A
4.80
0.189
C
1.37
0.054
D
2.40
2.80
0.094
0.110
D1
1.20
1.35
0.047
0.053
E
0.35
0.55
0.014
0.022
E1
0.76
1.19
0.030
0.047
F
0.80
1.05
0.031
0.041
F1
1.00
1.40
0.039
0.055
G
3.20
3.40
3.60
0.126
0.134
0.142
G1
6.60
6.80
7.00
0.260
0.268
0.276
H2
10.40
0.409
H3
10.05
10.40
0.396
0.409
L
17.55
17.85
18.15
0.691
0.703
0.715
L1
15.55
15.75
15.95
0.612
0.620
0.628
L2
21.20
21.40
21.60
0.831
0.843
0.850
L3
22.30
22.50
22.70
0.878
0.886
0.894
L4
1.29
0.051
L5
2.60
3.00
0.102
0.118
L6
15.10
15.80
0.594
0.622
L7
6.00
6.60
0.236
0.260
L9
0.2
0.008
M
4.23
4.50
4.75
0.167
0.177
0.187
M1
3.75
4.00
4.25
0.148
0.157
0.167
V4
40° (typ.)
Dia
3.65
3.85
0.144
0.152



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com