Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2003 Datasheet(PDF) 6 Page - Hotchip Technology Co.,Ltd

Part # TDA2003
Description  The TDA2003 is a monolithic audio power amplifier integrated circuit.
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

TDA2003 Datasheet(HTML) 6 Page - Hotchip Technology Co.,Ltd

Back Button TDA2003 Datasheet HTML 2Page - Hotchip Technology Co.,Ltd TDA2003 Datasheet HTML 3Page - Hotchip Technology Co.,Ltd TDA2003 Datasheet HTML 4Page - Hotchip Technology Co.,Ltd TDA2003 Datasheet HTML 5Page - Hotchip Technology Co.,Ltd TDA2003 Datasheet HTML 6Page - Hotchip Technology Co.,Ltd TDA2003 Datasheet HTML 7Page - Hotchip Technology Co.,Ltd TDA2003 Datasheet HTML 8Page - Hotchip Technology Co.,Ltd TDA2003 Datasheet HTML 9Page - Hotchip Technology Co.,Ltd TDA2003 Datasheet HTML 10Page - Hotchip Technology Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
14W HI-FI AUDIO AMPLIFIER
TDA2003(C)
 
第 6 页  共 11 页 
BUILT-IN PROTECTION SYSTEMS
LOAD DUMP VOLTAGE SURGE
The TDA2003 has a circuit which enables it to withstand a voltage pulse train, on pin 5.If the supply voltage
peaks to more than 40V, then an LC filter must be inserted between the supply and pin 5, in order to assure that
the pulses at pin 5 will be head within the limits.
A recommended LC network. With this network, a train of pulses with amplitude up to 120V and width of 2ms
can be applied at point A. This type of protection is ON when the supply voltage(pulsed or DC) exceeds 18V. For
this reason the maximum operating supply voltage is 18V.
SHORT CIRCUIT (AC and DC Conditions)
The TDA2003 can withstand a permanent short-circuit on the output for a supply voltage up to 16V.
POLARITY INVERSION
High current (up to 5A) can be handled by the device with no damage for a longer period than the blow-out
time of a quick 1A fuse(normally connected in series with the supply).
The feature is added to avoid destruction if, during fitting to the car, a mistake on connection of the supply is
made.
OPEN GROUND
When the radio is in the ON condition and the ground is accidentally opened, a standard audio amplifier will
be damaged. On the TDA2003 protection diodes are included to avoid any damage.
INDUCTIVE LOAD
A protection diode is provide between pin 4 and pin 5(see the internal schematic diagram) to allow use of the
TDA2003 with inductive loads. In particular, the TDA2003 can drive a coupling transformer for audio modulation.
DC VOLTAGE
The maximum operating DC voltage on the TDA2003 is 18V. However the device can withstand a DC
voltage up to 28V with no damage. This could occur during winter if two batteries were series connected to crank
the engine.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com