Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2003 Datasheet(PDF) 7 Page - Hotchip Technology Co.,Ltd

Part # TDA2003
Description  The TDA2003 is a monolithic audio power amplifier integrated circuit.
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

TDA2003 Datasheet(HTML) 7 Page - Hotchip Technology Co.,Ltd

Back Button TDA2003 Datasheet HTML 3Page - Hotchip Technology Co.,Ltd TDA2003 Datasheet HTML 4Page - Hotchip Technology Co.,Ltd TDA2003 Datasheet HTML 5Page - Hotchip Technology Co.,Ltd TDA2003 Datasheet HTML 6Page - Hotchip Technology Co.,Ltd TDA2003 Datasheet HTML 7Page - Hotchip Technology Co.,Ltd TDA2003 Datasheet HTML 8Page - Hotchip Technology Co.,Ltd TDA2003 Datasheet HTML 9Page - Hotchip Technology Co.,Ltd TDA2003 Datasheet HTML 10Page - Hotchip Technology Co.,Ltd TDA2003 Datasheet HTML 11Page - Hotchip Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
14W HI-FI AUDIO AMPLIFIER
TDA2003(C)
 
第 7 页  共 11 页 
BUILT-IN PROTECTION SYSTEMS (Cont.)
THERMAL SHUT-DOWN
The presence of a thermal limiting circuit offers the following advantages:
An overload on the output (even if it is permanent),or an excessive ambient temperature can be easily
withstood.
The heat-sink can have a smaller factor compared with that of a conventional circuit. There is no device
damage in case of excessive junction temperature: all that happens is that Po ( and therefore PD) and Id are
reduced
COMPONENTS USAGE SUGGESTION
The recommended values of the components are those shown on typical application circuit Different values
can be used. The following table can help the designer.
COMPONEN
T
RECOMMEND
ED VALUE
PURPOSE
LARGE THAN
RECOMMENDED
VALUE
SMALLER THAN
RECOMMENDED
VALUE
R1
(Gv-1)*R2
Gain setting.
increase of drain
current
R2
2.2Ω
gain and SVR setting
Decrease of SVR
R3
1Ω
Frequency stability
Danger of oscillation at
high frequencies with
inductive loads.
Rx
≈20R2
Upper frequency cutoff
Poor high frequencies
attenuation
Danger of oscillation
C1
2.2μF
Input DC decoupling
Noise at switch-on
switch-of
C2
470μF
Ripple rejection
Decrease of SVR
C3
0.1μF
Supply voltage bypass
Danger of oscillation
C4
1000μF
Supply voltage bypass
Higher low frequency
cutoff
C5
0.1μF
Frequency stability
Danger of oscillation at
high frequencies with
inductive loads.
Cx
≈1/(2π*B*R1)
Upper frequency cut of
Lower bandwidth
Larger bandwidth
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com