Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSP1_Eval-Kit Datasheet(PDF) 9 Page - RFbeam Microwave GmbH

Part # RSP1_Eval-Kit
Description  Radar Processor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFBEAM [RFbeam Microwave GmbH]
Direct Link  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

RSP1_Eval-Kit Datasheet(HTML) 9 Page - RFbeam Microwave GmbH

Back Button RSP1_Eval-Kit Datasheet HTML 5Page - RFbeam Microwave GmbH RSP1_Eval-Kit Datasheet HTML 6Page - RFbeam Microwave GmbH RSP1_Eval-Kit Datasheet HTML 7Page - RFbeam Microwave GmbH RSP1_Eval-Kit Datasheet HTML 8Page - RFbeam Microwave GmbH RSP1_Eval-Kit Datasheet HTML 9Page - RFbeam Microwave GmbH RSP1_Eval-Kit Datasheet HTML 10Page - RFbeam Microwave GmbH RSP1_Eval-Kit Datasheet HTML 11Page - RFbeam Microwave GmbH RSP1_Eval-Kit Datasheet HTML 12Page - RFbeam Microwave GmbH RSP1_Eval-Kit Datasheet HTML 13Page - RFbeam Microwave GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
RFbeam Microwave GmbH
RSP1 Radar Processor
Datasheet
Single channel sensors produce same signal on left and right plane of the complex FFT.
Fig. 9: Single channel signal appears symmetrically in the left and right half
6.3 Interference Filter
Typical interferences appear symmetrically on the left and right plane in the FFT output. Typical noise
source are electronic ballasts and fluorescent lights.
Therefore those interference signals may easily be distinguished from I/Q Doppler signals produced by
stereo sensor modules:
RSP1 adapts threshold (red line) for noise, but not for real I/Q Doppler signals. See also chapter
6.1 Adaptive noise detection
Interferences like in Fig. 10 look different from I/Q Doppler signals caused by movement.
With single channel modules, Doppler signals (Fig. 9) look similar to interferences.
6.4 Random Noise Filter
RSP1 offers different mechanisms in order to suppress influence of stochastic noise:
Random noise produces stochastically distributed peaks in the FFT output and can be reduced by
averaging. FFT averaging can be enabled by parameter S02.
Noise peaks exceeding trigger threshold are counted and must exceed a counter threshold adjusted by
parameter A03.
6.5 Selective FFT Filter
Up to 8 single frequencies may be suppressed by means of array parameters X20 to X27.
Each value represents an FFT bin, that will be masked out from triggering.
Example:
Mask out frequencies 100Hz and 1kHz at sampling rate 2560Hz (Param S02 = 02).
Set parameter X20=000A and param X21=03E8. For more details see chapter FFT Filter
© RFbeam Microwave GmbH www.rfbeam.ch
December 11, 2015
9/25
Fig. 10: I/Q Doppler signal at +44; interference produces 2 peaks on 100 and -100
I/Q Doppler signal
interference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com