Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSP1_Eval-Kit Datasheet(PDF) 3 Page - RFbeam Microwave GmbH

Part # RSP1_Eval-Kit
Description  Radar Processor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFBEAM [RFbeam Microwave GmbH]
Direct Link  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

RSP1_Eval-Kit Datasheet(HTML) 3 Page - RFbeam Microwave GmbH

  RSP1_Eval-Kit Datasheet HTML 1Page - RFbeam Microwave GmbH RSP1_Eval-Kit Datasheet HTML 2Page - RFbeam Microwave GmbH RSP1_Eval-Kit Datasheet HTML 3Page - RFbeam Microwave GmbH RSP1_Eval-Kit Datasheet HTML 4Page - RFbeam Microwave GmbH RSP1_Eval-Kit Datasheet HTML 5Page - RFbeam Microwave GmbH RSP1_Eval-Kit Datasheet HTML 6Page - RFbeam Microwave GmbH RSP1_Eval-Kit Datasheet HTML 7Page - RFbeam Microwave GmbH RSP1_Eval-Kit Datasheet HTML 8Page - RFbeam Microwave GmbH RSP1_Eval-Kit Datasheet HTML 9Page - RFbeam Microwave GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
RFbeam Microwave GmbH
RSP1 Radar Processor
Datasheet
3 Sensor Configurations
RSP1 Chip may be used with one or two sensors. Sensors can not be used in parallel, but as alternative
sensor connected to the Alt_RADAR inputs. Inputs can be selected by parameter S01.
Channels
Sensor examples
Comments
1 ("mono")
K-LC1a, K-LC3
Lowest cost. Mostly used for indoor applications
2 ("stereo")
K-LC2, K-LC5, K-LC6, K-MC1
Directional detection, excellent interference suppression
Table 1: Sensor Configurations
3.1 Single channel vs Dual channel (I/Q) processing
RSP1 can be operated with dual channel ("stereo") I/Q sensors as well as with one channel ("mono")
sensors (see Table 1: Sensor Configurations).
Feature
Dual channel
Single channel
Directional detection (receeding / approaching)
x
Interference suppressin (fluorescence lights, vibrations and others)
x
Noise suppression (better sensitivity)
x
Lower cost
x
Table 2: Dual channel versus single channel comparison
© RFbeam Microwave GmbH www.rfbeam.ch
December 11, 2015
3/25
Fig. 2: Typical dual channel architecture
Amp
Sensitivity
RSP1
Output
Hold Time
ADC
ADC
FFT
I
Q
Direction
+
-
digital
serial
debug
K-LCx
Radar Sensor
Fig. 3: Typical single channel architecture
K-LCx single
channel
Radar Sensor
Amp
Sensitivity
RSP1
Output
Hold Time
ADC
ADC
FFT
I
digital
serial
debug



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com