Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSP1_Eval-Kit Datasheet(PDF) 15 Page - RFbeam Microwave GmbH

Part # RSP1_Eval-Kit
Description  Radar Processor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFBEAM [RFbeam Microwave GmbH]
Direct Link  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

RSP1_Eval-Kit Datasheet(HTML) 15 Page - RFbeam Microwave GmbH

Back Button RSP1_Eval-Kit Datasheet HTML 11Page - RFbeam Microwave GmbH RSP1_Eval-Kit Datasheet HTML 12Page - RFbeam Microwave GmbH RSP1_Eval-Kit Datasheet HTML 13Page - RFbeam Microwave GmbH RSP1_Eval-Kit Datasheet HTML 14Page - RFbeam Microwave GmbH RSP1_Eval-Kit Datasheet HTML 15Page - RFbeam Microwave GmbH RSP1_Eval-Kit Datasheet HTML 16Page - RFbeam Microwave GmbH RSP1_Eval-Kit Datasheet HTML 17Page - RFbeam Microwave GmbH RSP1_Eval-Kit Datasheet HTML 18Page - RFbeam Microwave GmbH RSP1_Eval-Kit Datasheet HTML 19Page - RFbeam Microwave GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
RFbeam Microwave GmbH
RSP1 Radar Processor
Datasheet
Param.
default min max Function
Description
R
Class W
(immediate)
Real Time Write Params
Volatile write parameters
W00
-
00
01
force detection output
1: set digital detection output; 0: normal output operation
W01
-
-
-
reset processor
software reset. value has no effect
W02
-
-
-
load default parameters
load default values for all parameters
W03
00
00
01
reserved for future use
1: power saving and output disable.
W04
-
-
-
dump EEPROM content
get all permanent parameters
W0B
-
-
-
enter bootloader
switches to bootloader on serial debug port
Class L
LOOP
Continuous Output
Streaming comma separated results
L00
-
00
01
Decimal output stream
Peak positions, Peak values
SpeedFW, SpeedBW, MagFW; MagBW<CR> (DECIMAL)
Start:$L00 or $L0001; Stop: $L0000 or other parameter
Class D
DEBUG
Debug stream
Control serial data stream loop at debug interface only
D00
-
00
02
Cyclic FFT on DEBUG int.
1: 2 ch. (FFT + Threshold); 2: 4 ch: additional I and Q
D00
-
11
12
One shot FFT on DEBUG int.
11: 2 ch. (FFT + Threshold); 12: 4 ch: additional I and Q
Table 8: 8 Bit parameters overview
8.3.2 16 Bit Array Parameters
Purpose: Values indirectly accessed by simple 8 bit parameters.
These parameters represent arrays that are addressed by 8Bit parameters or by signal processing.
Values may be adapted and are application specific.
All values are in hexadecimal notation!
Param.
default min
max
Function
Description
R
Class X
(EEPROM)
Array parameters
16bit hexadecimal table values for indirect parameters
X00...X09 *)
0000 FFFF Output hold time
hold time table in 100ms, addressed by parameter A01
x
X10....X19 *)
0000 00FF Trigger level
sensitivity table, addressed by parameter A02
x
X20...X27 0
0
007F Narrow band FFT filter
masks out single FFT bins from trigger criteria
x
*) see tables below
Table 9: Array parameter Xnn overview
Output Hold Time Table
Values from this tables are addressed by parameter A01 (Hold Time).
Default values:
Param A01 value
0
1
2
3
4
5
6
7
8
9
X00...X09 HEX
0002
0005
000A
0014
0032
0064
00C8
0190
0320
0640
→ Seconds
0.2
0.5
1
2
5
10
20
40
80
160
Table 10: Array parameter X0n hold time
© RFbeam Microwave GmbH www.rfbeam.ch
December 11, 2015
15/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com