Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSP1_Eval-Kit Datasheet(PDF) 1 Page - RFbeam Microwave GmbH

Part # RSP1_Eval-Kit
Description  Radar Processor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFBEAM [RFbeam Microwave GmbH]
Direct Link  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

RSP1_Eval-Kit Datasheet(HTML) 1 Page - RFbeam Microwave GmbH

  RSP1_Eval-Kit Datasheet HTML 1Page - RFbeam Microwave GmbH RSP1_Eval-Kit Datasheet HTML 2Page - RFbeam Microwave GmbH RSP1_Eval-Kit Datasheet HTML 3Page - RFbeam Microwave GmbH RSP1_Eval-Kit Datasheet HTML 4Page - RFbeam Microwave GmbH RSP1_Eval-Kit Datasheet HTML 5Page - RFbeam Microwave GmbH RSP1_Eval-Kit Datasheet HTML 6Page - RFbeam Microwave GmbH RSP1_Eval-Kit Datasheet HTML 7Page - RFbeam Microwave GmbH RSP1_Eval-Kit Datasheet HTML 8Page - RFbeam Microwave GmbH RSP1_Eval-Kit Datasheet HTML 9Page - RFbeam Microwave GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
RFbeam Microwave GmbH
RSP1 Radar Processor
Datasheet
Features
Universal Doppler Radar signal processor
Complete I/Q Radar sensor interface
Complex FFT based signal processing
Double detection distance compared to traditional solutions
Object speed and direction detection up to 250km/h
Efficient adaptive interference suppression
Stand-alone or hosted operation
Evaluation Kit available
1 Applications
Movement detectors
Lighting control systems
Security applications
Object speed detection
2 Description
2.1 Application Example
RSP1 contains all Doppler signal processing.
Up to now, development of Doppler Radar signal processing has been a time consuming matter and
needed experience in analog and digital electronics.
With RSP1, typical applications need minimal external components. Configuration can be made by
switches and potentiometers or fully digital via serial interface.
© RFbeam Microwave GmbH www.rfbeam.ch
December 11, 2015
1/25
Fig. 1: Typical stand-alone application circuitry
detect out
serial debug
LED
detection
LED busy
serial interface
I
Q
Radar
inputs
sensitivity
hold time
sensor type
directional
fwd / bwd
immunity
Linear power regulators
3.3V
5V or 3.3V
RFbeam RSP1


Similar Part No. - RSP1_Eval-Kit

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RSP1000 ASTRODYNE-RSP1000 Datasheet
1Mb / 7P
1000W Single Output Power Supply
RSP1500 ASTRODYNE-RSP1500 Datasheet
304Kb / 5P
1500W Single Output Power Supply
More results

Similar Description - RSP1_Eval-Kit

ManufacturerPart #DatasheetDescription
logo
SICK AG
RAS407-2801100 SICK-RAS407-2801100 Datasheet
760Kb / 6P
RADAR SENSORS
2016-04-06
logo
RFbeam Microwave GmbH
K-LC1A RFBEAM-K-LC1A Datasheet
444Kb / 6P
RADAR TRANSCEIVER
K-LC5_V3 RFBEAM-K-LC5_V3 Datasheet
307Kb / 5P
RADAR TRANSCEIVER
K-LC6 RFBEAM-K-LC6 Datasheet
335Kb / 6P
RADAR TRANSCEIVER
K-LC2 RFBEAM-K-LC2 Datasheet
592Kb / 5P
RADAR TRANSCEIVER
logo
Pepperl+Fuchs Inc.
RADEC-D PF-RADEC-D Datasheet
1,017Kb / 6P
Radar sensor
RAVE-D PF-RAVE-D Datasheet
1Mb / 7P
Radar sensor
RAVE-D-GB PF-RAVE-D-GB Datasheet
1Mb / 7P
Radar sensor
RMS-D-RC PF-RMS-D-RC Datasheet
1Mb / 6P
Radar sensor
RMS-D-RC-NA PF-RMS-D-RC-NA Datasheet
1Mb / 6P
Radar sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com