Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSP1_Eval-Kit Datasheet(PDF) 10 Page - RFbeam Microwave GmbH

Part # RSP1_Eval-Kit
Description  Radar Processor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFBEAM [RFbeam Microwave GmbH]
Direct Link  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

RSP1_Eval-Kit Datasheet(HTML) 10 Page - RFbeam Microwave GmbH

Back Button RSP1_Eval-Kit Datasheet HTML 6Page - RFbeam Microwave GmbH RSP1_Eval-Kit Datasheet HTML 7Page - RFbeam Microwave GmbH RSP1_Eval-Kit Datasheet HTML 8Page - RFbeam Microwave GmbH RSP1_Eval-Kit Datasheet HTML 9Page - RFbeam Microwave GmbH RSP1_Eval-Kit Datasheet HTML 10Page - RFbeam Microwave GmbH RSP1_Eval-Kit Datasheet HTML 11Page - RFbeam Microwave GmbH RSP1_Eval-Kit Datasheet HTML 12Page - RFbeam Microwave GmbH RSP1_Eval-Kit Datasheet HTML 13Page - RFbeam Microwave GmbH RSP1_Eval-Kit Datasheet HTML 14Page - RFbeam Microwave GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
RFbeam Microwave GmbH
RSP1 Radar Processor
Datasheet
7 Interfaces
RSP1 provides different interfaces for configuration and control signals. RSP1 can be used as a stand-
alone processor or in conjunction with a host controller.
•
Command interface:
Standard UART interface for parameter settings with 38'400Baud.
•
Debug Interface:
High speed UART interface for debug purposes with 460'800Baud
(Parameter S06).
This interface acts also as bootloader interface for software updates.
•
Digital I/O:
Control signals for status LED, digital outputs and optional SPI interface.
7.1 Analog I/O
Please refer to chapter 14 Sample Schematics for details of analog signal handling.
Range of RADAR input signals depend on the internal gain setting by parameter S09:
S09 = 0: range 3.3Vpp; S09 = 4: 200mVpp.
Pin
Function
Remark
AVcc
Power supply for chip analog section
Decouple well: see Fig. 14
RADAR_AREF
ADC reference voltage
Vcc/2 (1.65V), connect to RADAR_COMMON
RADAR_COMMON
Input reference voltage
Vcc/2 /1.65V) decoupling see Fig. 14
RADAR_I1
Radar in-phase signal (I)
Signal referenced to RADAR_COMMON
RADAR_Q1
Radar in-phase signal (Q)
Signal referenced to RADAR_COMMON
ALT_RADAR_I1
Alternative Radar I input
selected by parameter S01
ALT_RADAR_Q1
Alternative Radar I input
selected by parameter S01
ALT_RADAR_COMMON
Input reference voltage
connect to RADAR_COMMON
HOLD_POT
Optional hold time setting
Range 0 to Vcc/2. Function must be enabled by param. S07
SENS_POT
Optional sensitivity setting
Range 0 to Vcc/2. Function must be enabled by param. S06
7.2 Digital I/O
All digital inputs have internal pull-down resistors and are high active.
Secondary pin functions (IDx) are reserved for future versions.
7.2.1 Mode settings
- Input SETTING_MODE must be tied to Vcc in order to activate the setting inputs.
- Setting inputs are sampled at power ON only
- Settings can be over-written by sending similar software parameter commands
Pin
Function, if high (3.3V)
Remark
SENSOR_MONO
1 channel sensor connected
e.g. K-LC1a, K-LC3
DIR_MONO
no directional processing
detect both movement directions with I/Q sensors also
DIR_BACKWARD
detect receding movements only
DIR_MONO input must be low / left open
IMMUNITY
set extended interference immunity
SETTING_MODE
enable setting inputs
if low or left open, setting inputs have no effect
© RFbeam Microwave GmbH www.rfbeam.ch
December 11, 2015
10/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com