Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSP1_Eval-Kit Datasheet(PDF) 11 Page - RFbeam Microwave GmbH

Part # RSP1_Eval-Kit
Description  Radar Processor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFBEAM [RFbeam Microwave GmbH]
Direct Link  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

RSP1_Eval-Kit Datasheet(HTML) 11 Page - RFbeam Microwave GmbH

Back Button RSP1_Eval-Kit Datasheet HTML 7Page - RFbeam Microwave GmbH RSP1_Eval-Kit Datasheet HTML 8Page - RFbeam Microwave GmbH RSP1_Eval-Kit Datasheet HTML 9Page - RFbeam Microwave GmbH RSP1_Eval-Kit Datasheet HTML 10Page - RFbeam Microwave GmbH RSP1_Eval-Kit Datasheet HTML 11Page - RFbeam Microwave GmbH RSP1_Eval-Kit Datasheet HTML 12Page - RFbeam Microwave GmbH RSP1_Eval-Kit Datasheet HTML 13Page - RFbeam Microwave GmbH RSP1_Eval-Kit Datasheet HTML 14Page - RFbeam Microwave GmbH RSP1_Eval-Kit Datasheet HTML 15Page - RFbeam Microwave GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
RFbeam Microwave GmbH
RSP1 Radar Processor
Datasheet
7.2.2 Control Outputs
Digital outputs are high active push-pull circuits with typically 10mA driving power.
Pin
Function, if high (3.3V)
Remark
LED_BUSY
RSP is busy and is not detecting
Active during power-on learning
LED_DETECT
Active, as long as movement is detected
including hold time
DETECT_OUT
same signal as LED_DETECT
use for driving external hardware output
LOW_BANDWIDTH
set according to parameter S08
optional use for external amp bandwidth limitation
CMD_TX_ENABLE
reserved for future RS-485 expansion
active during serial transmission
CMD_TX
Command interface UART Tx
see chapter 7.3 Host Command Interface
CMD_RX
Command interface UART Rx
see chapter 7.3 Host Command Interface
DETECT_SIGNAL
same signal as DETECT_OUT
optional use for digital signaling to host device
7.3 Host Command Interface
This is a 3.3V asynchronous UART interface:
Pins:
Input: CMD_RX, output CMD_TX
Physical data: 38'400Baud, 8 databit, 1 stopbit, no parity, no handshake
Protocol:
Client-Server protocol. RSP1 acts as server. See 8 Software Parameter Settings
This interface is supported by the RSP_Terminal tool.
7.4 SPI / IO Interface
This interface is reserved for future versions of RSP1.
© RFbeam Microwave GmbH www.rfbeam.ch
December 11, 2015
11/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com